Electronic Components Datasheet Search
  English  ▼

X  

AMT31 Datasheet(PDF) 4 Page - CUI INC

Part # AMT31
Description  MODULAR COMMUTATION ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT31 Datasheet(HTML) 4 Page - CUI INC

  AMT31 Datasheet HTML 1Page - CUI INC AMT31 Datasheet HTML 2Page - CUI INC AMT31 Datasheet HTML 3Page - CUI INC AMT31 Datasheet HTML 4Page - CUI INC AMT31 Datasheet HTML 5Page - CUI INC AMT31 Datasheet HTML 6Page - CUI INC AMT31 Datasheet HTML 7Page - CUI INC AMT31 Datasheet HTML 8Page - CUI INC AMT31 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 10/13/2015
│ page 4 of 10
CUI Inc
│ SERIES: AMT31 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
B
7
95 3
SCALE 4 : 1
13
14 12 10 8642
11
DETAIL B
1
15
14
13
16
SCALE 4 : 1
1
2
3
4
5
6
7
8
9
10
11
12
SECTION A-A
17
A
A
ENCODER INTERFACE
PINOUT CONNECTOR
Function
#
AMT312S
AMT312Q
AMT312C
AMT312D
AMT313S
AMT313Q
1
TX_ENC+
TX_ENC+
TX_ENC+
TX_ENC+
RX_ENC+
RX_ENC+
2
RX_ENC+
RX_ENC+
RX_ENC+
RX_ENC+
TX_ENC+
TX_ENC+
3
U+
U+
U+
U+
U+
U+
4
GND1
GND1
GND1
GND1
GND1
GND1
5
W+
W+
W+
W+
W+
W+
6
+5 V
+5 V
+5 V
+5 V
+5 V
+5 V
7
V+
V+
V+
V+
V+
V+
8
B+
B+
B+
B+
B+
B+
9
N/A
B-
N/A
B-
N/A
B-
10
A+
A+
A+
A+
A+
A+
11
N/A
A-
N/A
A-
N/A
A-
12
Z+
Z+
Z+
Z+
Z+
Z+
13
N/A
Z-
N/A
Z-
N/A
Z-
14
MCLRB
MCLRB
MCLRB
MCLRB
MCLRB
MCLRB
15
N/A
N/A
W-
W-
N/A
N/A
16
N/A
N/A
V-
V-
N/A
N/A
17
N/A
N/A
U-
U-
N/A
N/A
AMT313S & AMT313Q
AMT312S, AMT312Q,
AMT312C & AMT312D
Mating Connector:
Samtec ISDF-07-D-L
Mating Connector:
JAE FI-W17S
Note:
1. Connect encoder GND to motor chassis as closely as possible. For additional grounding techniques contact CUI Application Support.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com