Electronic Components Datasheet Search
  English  ▼

X  

AMT312C Datasheet(PDF) 1 Page - CUI INC

Part # AMT312C
Description  MODULAR COMMUTATION ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT312C Datasheet(HTML) 1 Page - CUI INC

  AMT312C Datasheet HTML 1Page - CUI INC AMT312C Datasheet HTML 2Page - CUI INC AMT312C Datasheet HTML 3Page - CUI INC AMT312C Datasheet HTML 4Page - CUI INC AMT312C Datasheet HTML 5Page - CUI INC AMT312C Datasheet HTML 6Page - CUI INC AMT312C Datasheet HTML 7Page - CUI INC AMT312C Datasheet HTML 8Page - CUI INC AMT312C Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
cui.com
date 10/13/2015
page 1 of 10
SERIES: AMT31
│ DESCRIPTION: MODULAR COMMUTATION ENCODER
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start up time
200
ms
current consumption
with unloaded output
16
mA
single ended channels
output high level
output low level
output current (per channel)
rise/fall time
VDD-0.1
8
0.1
15
V
V
mA
ns
differential RS-422 channels
output high level
output low level
output current (per channel)
rise/fall time
3
7
11
0.1
20
20
V
V
mA
ns
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions1
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500,
512, 768, 800, 1000, 1024, 1600, 2000, 2048, 4096
PPR
index2
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle
50
%
COMMUTATION CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage (S)
Quadrature Line Driver (Q)
Commutation Line Driver (C)
Line Driver (D)
A, B, Z, U, V, W
A, A, B, B, Z, Z, U, V, W
A, B, Z, U, U, V, V, W, W
A, A, B, B, Z, Z, U, U, V, V, W, W
motor poles3
2, 4, 6, 8, 10, 12, 20
waveform2
CMOS voltage square wave
phase difference
WYE motor winding configurations
120
electrical
degrees
Notes:
1. Resolutions programmed with AMT Viewpoint™ PC software. Default resolution set to 2048 PPR.
2. Zero position alignment set with AMT One Touch Zero™ module, AMT Viewpoint™ PC software, or serial commands
3. Pole counts and waveform direction set via AMT Viewpoint™ PC software. Default poles set to 4 poles and counter-clockwise direction.
FEATURES
• patented capacitive ASIC technology
• low power consumption
• U, V, W commutation phase channels
• 2, 4, 6, 8, 10, 12, 20 motor poles w/ incremental resolutions up to 4096 PPR
• resolutions and poles programmable with AMT Viewpoint™ PC software
• differential line driver versions
• digitally set zero position with AMT One Touch Zero™ module or serial commands
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• -40~105°C operating temperature
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
For more information, please visit the product page.


Similar Part No. - AMT312C

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT312C CUI-AMT312C Datasheet
834Kb / 11P
MODULAR COMMUTATION ENCODER
logo
Lin Eng. Inc.
AMT312C LINENGINEERING-AMT312C Datasheet
234Kb / 2P
CABLE
logo
CUI INC
AMT312C-0048-02-CW-S CUI-AMT312C-0048-02-CW-S Datasheet
792Kb / 11P
MODULAR COMMUTATION ENCODER
09/10/2021
AMT312C-0048-04-CW-S CUI-AMT312C-0048-04-CW-S Datasheet
792Kb / 11P
MODULAR COMMUTATION ENCODER
09/10/2021
AMT312C-0048-06-CW-S CUI-AMT312C-0048-06-CW-S Datasheet
792Kb / 11P
MODULAR COMMUTATION ENCODER
09/10/2021
More results

Similar Description - AMT312C

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
COMMUTATION ENCODER
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
MODULAR ENCODER
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
MODULAR COMMUTATION ENCODER
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
MODULAR ENCODER
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
09/10/2021
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
MODULAR COMMUTATION ENCODER
08/05/2022
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com