Electronic Components Datasheet Search
  English  ▼

X  

LP5907 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  250-mA Ultra-Low-Noise, Low-IQ LDO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments LP5907 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
LP5907
SNVS798L – APRIL 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
The maximum allowable power dissipation for the device in a given package can be calculated using Equation 1:
PD-MAX = ((TJ-MAX – TA) / RθJA)
(1)
The actual power being dissipated in the device can be represented by Equation 2:
PD = (VIN – VOUT) × IOUT
(2)
These two equations establish the relationship between the maximum power dissipation allowed due to thermal
consideration, the voltage drop across the device, and the continuous current capability of the device. These two
equations should be used to determine the optimum operating conditions for the device in the application.
In applications where lower power dissipation (PD) and/or excellent package thermal resistance (RθJA) is present,
the maximum ambient temperature (TA-MAX) may be increased.
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum
ambient temperature (TA-MAX) may have to be derated. TA-MAX is dependent on the maximum operating junction
temperature (TJ-MAX-OP = 125°C), the maximum allowable power dissipation in the device package in the
application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA),
as given by Equation 3:
TA-MAX = (TJ-MAX-OP – (RθJA × PD-MAX))
(3)
Alternately, if TA-MAX can not be derated, the PD value must be reduced. This can be accomplished by reducing
VIN in the VIN–VOUT term as long as the minimum VIN is met, or by reducing the IOUT term, or by some
combination of the two.
8.2.2.2 External Capacitors
Like most low-dropout regulators, the LP5907 requires external capacitors for regulator stability. The device is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
8.2.2.3 Input Capacitor
An input capacitor is required for stability. The input capacitor should be at least equal to, or greater than, the
output capacitor for good load transient performance. At least a 1 µF capacitor has to be connected between the
LP5907 input pin and ground for stable operation over full load current range. Basically, it is ok to have more
output capacitance than input, as long as the input is at least 1 µF.
The input capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
To ensure stable operation it is essential that good PCB practices are employed to
minimize ground impedance and keep input inductance low. If these conditions cannot be
met, or if long leads are to be used to connect the battery or other power source to the
LP5907, TI recommends increasing the input capacitor to at least 10 µF. Also, tantalum
capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum
capacitor is used at the input, it should be verified by the manufacturer to have a surge
current rating sufficient for the application. The initial tolerance, applied voltage de-rating,
and temperature coefficient must all be considered when selecting the input capacitor to
ensure the actual capacitance is never less than 0.7 µF over the entire operating range.
8.2.2.4 Output Capacitor
The LP5907 is designed specifically to work with a very small ceramic output capacitor, typically 1 µF. A ceramic
capacitor (dielectric types X5R or X7R) in the 1 µF to 10 µF range, and with ESR between 5 mΩ to 500 mΩ, is
suitable in the LP5907 application circuit. For this device the output capacitor should be connected between the
OUT pin and a good connection back to the GND pin.
It may also be possible to use tantalum or film capacitors at the device output, VOUT, but these are not as
attractive for reasons of size and cost (see Capacitor Characteristics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com