Electronic Components Datasheet Search
  English  ▼

X  

TMP116 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP116
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP116 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP116 Datasheet HTML 9Page - Texas Instruments TMP116 Datasheet HTML 10Page - Texas Instruments TMP116 Datasheet HTML 11Page - Texas Instruments TMP116 Datasheet HTML 12Page - Texas Instruments TMP116 Datasheet HTML 13Page - Texas Instruments TMP116 Datasheet HTML 14Page - Texas Instruments TMP116 Datasheet HTML 15Page - Texas Instruments TMP116 Datasheet HTML 16Page - Texas Instruments TMP116 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Shutdown
15.5 ms
(One-Shot Conversion)
(Active Current Consumption Active Conversion Time) + (Standby Current Consumption Standby Time)
Conversion Cycle Time
u
u
13
TMP116, TMP116N
www.ti.com
SBOS740 – MAY 2017
Product Folder Links: TMP116 TMP116N
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Use Equation 1 to calculate the average current consumption of the device in continuous mode.
(1)
7.4.1.3 Continuous Conversion Mode (CC)
When the MOD[1:0] bits are set to 00, the TMP116 operates in continuous conversion mode. In this mode, the
device continuously performs temperature conversions as illustrated in Figure 19 and updates the temperature
result register at the end of every conversion. As described in the Conversion Cycle section, every conversion
cycle consists of an active conversion period followed by a standby period whose duration can be configured
using the CONV and AVG bits in the configuration register based on the temperature accuracy, power
consumption, and temperature update rate tradeoffs of the application that the device is used in. At the end of a
conversion, the Data_Ready flag in the configuration register is set. The Data_Ready flag is cleared by reading
the configuration register or the temperature result register. Therefore, the Data_Ready flag can be used to
determine when the conversion completes so that an external controller can synchronize reading the result
register with conversion result updates. The state of the Data_Ready flag can also be monitored on the ALERT
pin by setting the DR/nAlert_EN bit in the configuration register.
7.4.1.4 Shutdown Mode (SD)
When 01 is written to the MOD[1:0] bits in the configuration register, the device instantly aborts the currently
running conversion and enters a low-power shutdown mode. In this mode, the device powers down all active
circuitry and can be used in conjunction with the OS mode to perform temperature conversions. In SD mode, the
device typically consumes only 250 nA, which makes the TMP116 suitable for low-power consumption
applications, such as battery-operated systems.
7.4.1.5 One-Shot Mode (OS)
When in shutdown mode, a single conversion can be performed by writing 10 to MOD[1:0] bits in the
configuration register, referred to as a one-shot conversion. After completing a one-shot conversion, the device
returns to the low-power shutdown mode. A one-shot conversion cycle only consists of active conversion time
and no standby period unlike CC mode. Thus, the duration of a one-shot conversion is only affected by the
settings in the AVG bits. The CONV bits do not affect the duration of a one-shot conversion. Figure 21 shows a
timing diagram for this mode with an AVG setting of 00. At the end of a one-shot conversion, the Data_Ready
flag in the configuration register is set. Therefore, the Data_Ready flag can be used to determine when the
conversion completes. The Data_Ready flag is cleared by performing an I2C read on the configuration register or
temperature result register. The state of the Data_Ready flag can also be monitored on the ALERT pin by setting
the DR/nAlert_EN bit in the configuration register.
Figure 21. One-Shot Timing Diagram
7.4.2 Therm and Alert Functions
The TMP116 can be used to detect if the temperature has crossed a certain temperature limit or if the device is
within a certain temperature range by using the therm or alert functions built into the device. At the end of every
conversion, the TMP116 compares the converted temperature result to the values stored in the low limit register
and high limit register and sets or clears the corresponding status flags in the configuration register, as described
in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com