Electronic Components Datasheet Search
  English  ▼

X  

ESDALC20-1BF4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC20-1BF4
Description  Low clamping, low capacitance bidirectional single line ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC20-1BF4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC20-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDALC20-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDALC20-1BF4
2/10
DocID028009 Rev 2
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPP
(1)
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
20
30
kV
PPP
(1)
Peak pulse power (8/20 µs)
90
W
IPP
(1)
Peak pulse current (8/20 µs)
2.4
A
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test conditions
Value
Unit
Min.
Typ.
Max.
VBR
IR = 1 mA
22
23
V
IRM
VRM = 20 V
< 1
10
nA
VRM
Stand-off voltage
-20
20
V
VCL
8 kV contact discharge after 30 ns (IPP = 16 A), IEC 61000-4-2
37
V
CLINE
VLINE= 0 V, F = 1 MHz, VOSC = 30 mV
10.5
11.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com