Electronic Components Datasheet Search
  English  ▼

X  

ESDALCL5-1BM2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDALCL5-1BM2
Description  Single-line low capacitance and low leakage current ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL5-1BM2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ESDALCL5-1BM2 Datasheet HTML 3Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 4Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 5Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 6Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 7Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 8Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 9Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 10Page - STMicroelectronics ESDALCL5-1BM2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ESDALCL5-1BM2
Package information
Doc ID 023846 Rev 1
7/12
Note:
Product marking may be rotated by multiples of 90° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Figure 19.
SOD882 tape and reel specifications
Figure 17.
SOD882 footprint in mm
(inches)
Figure 18.
SOD882 marking
0.55
(0.022)
0.40
(0.016)
0.50
0.020
0.55
(0.022)
S
Pin1
Pin 2
User direction of unreeling
All dimensions in mm
4.0
2.0
2.0
Ø 1.50
0.70
0.20
0.59
Cathode bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12