Electronic Components Datasheet Search
  English  ▼

X  

BC2004AI Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BC2004AI
Description  COB with metal frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC2004AI Datasheet(HTML) 1 Page - Bolymin, Inc

  BC2004AI_17 Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. Multi-interface : I2C/SPI/RS232(USB optional)
2. COB with metal frame
3. 5x7 dots with cursor
4. Built-in controller ST7066 or equivalent
5. 1/16 duty cycle
6. Backlight : LED EDGE/ARRAY
7. 5V single power supply
8. Contrast/Backlight adjustment by program
98.0 x 60.0
77.0 x 25.2
0.55 x 0.55
2.95 x 4.75
1
2
3
4
5
6
7
8
TX
RX
VSS
VDD
SDA
SCL
SDO
/CS
RS-232 level output port.
RS-232 level input port
Ground.
System power supply input.
I2C: Data Input/output for the I
2C
SPI: Serial data Input
I2C: Clock Input for the I
2C
SPI: Serial clock Input
SPI: Serial data Output
SPI: Chip select
Input Voltage
Supply Current
with Backlight
Vdd
Idd
5.0(Typ.)
285(Max.)
mLCM
BC2004AI


Similar Part No. - BC2004AI_17

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A2 BOLYMIN-BC2004A2 Datasheet
441Kb / 1P
COB with metal frame
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2004A20C BOLYMIN-BC2004A20C Datasheet
405Kb / 1P
COB with metal frame
BC2004A20C BOLYMIN-BC2004A20C_17 Datasheet
405Kb / 1P
COB with metal Frame
More results

Similar Description - BC2004AI_17

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG19232A BOLYMIN-BG19232A Datasheet
556Kb / 1P
COB with metal frame
BC1601A2 BOLYMIN-BC1601A2_17 Datasheet
543Kb / 1P
COB with metal Frame
BC1602D BOLYMIN-BC1602D_17 Datasheet
546Kb / 1P
COB with metal Frame
BC1602E3 BOLYMIN-BC1602E3_17 Datasheet
536Kb / 1P
COB with metal Frame
BC4002A BOLYMIN-BC4002A_17 Datasheet
496Kb / 1P
COB with metal Frame
BG12232B BOLYMIN-BG12232B_17 Datasheet
508Kb / 1P
COB with Metal Frame
BG12864A2 BOLYMIN-BG12864A2_17 Datasheet
512Kb / 1P
COB with Metal Frame
BG12864B BOLYMIN-BG12864B_17 Datasheet
540Kb / 1P
COB with Metal Frame
BG12864F BOLYMIN-BG12864F_17 Datasheet
525Kb / 1P
COB with Metal Frame
BG320240D BOLYMIN-BG320240D_17 Datasheet
505Kb / 1P
COB with Metal Frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com