Electronic Components Datasheet Search
  English  ▼

X  

ESDALCL6-4P6A Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDALCL6-4P6A
Description  Multi-line low capacitance and low leakage current ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL6-4P6A Datasheet(HTML) 5 Page - STMicroelectronics

  ESDALCL6-4P6A Datasheet HTML 1Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 2Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 3Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 4Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 5Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 6Page - STMicroelectronics ESDALCL6-4P6A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ESDALCL6-4P6A
Package information
Doc ID 023869 Rev 1
5/7
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9.
Footprint - dimensions in mm (inches)
Table 3.
SOT-666 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
D
b
L3
L1
e
b1
E1
L2
E
A
A3
0.50
(0.019)
2.60
(0.10)
0.62
(0.024)
0.30
(0.012)
0.99
(0.039)



Html Pages

1 2 3 4 5 6 7