Electronic Components Datasheet Search
  English  ▼

X  

ESDA6V1SC6Y Datasheet(PDF) 10 Page - STMicroelectronics

Part # ESDA6V1SC6Y
Description  4 unidirectional Transil functions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1SC6Y Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ESDA6V1SC6Y Datasheet HTML 6Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 7Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 8Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 9Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 10Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 11Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 12Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 13Page - STMicroelectronics ESDA6V1SC6Y Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package information
ESDAxxSCxY
10/15
DocID028400 Rev 1
3.2
SOT23-6L package information
Figure 13. SOT23-6L package outline
Table 5. SOT23-6L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.0354
0.0570
A1
0
0.15
0
0.0059
A2
0.90
1.30
0.0354
0.0511
b
0.30
0.50
0.0118
0.0196
c
0.09
0.20
0.0035
0.0078
D
2.80
3.05
0.1102
0.1200
E
1.50
1.75
0.0590
0.0688
e
0.95
0.0374
H
2.60
3.00
0.1023
0.1181
L
0.30
0.60
0.0118
0.0236
θ
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com