Electronic Components Datasheet Search
  English  ▼

X  

ESDAVLC8-4BN4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAVLC8-4BN4
Description  4-line very low capacitance Transil??array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC8-4BN4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAVLC8-4BN4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDAVLC8-4BN4
2/10
DocID022192 Rev 3
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Note:
For component test in its final application, the minimum clamping voltage has to be 20 V on
VBR1 (GND to I/O) and 25 V on VBR2 (I/O to GND).
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage, IEC 61000-4-2, level 4 (contact discharge)
16
kV
PPP
Peak pulse power dissipation (8/20 µs)(1)
Tj initial = Tamb
1. For a surge greater than the maximum values, the diode will fail in short-circuit.
GND to I/O
I/O to GND
45
32
W
Ipp
Peak pulse current (8/20 µs)
1.6
A
Tj
Maximum junction temperature range
-40 to 125
°C
Tstg
Storage temperature range
-55 + 150
°C
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR1
IR = 1 mA, GND to I/O
8.5
11
14
V
VBR2
IR = 1 mA, I/O to GND
14.5
17
20
V
IRM
VRM = 3 V
50
nA
VCL
Ipp = 1 A, 8/20 µs, GND to I/O
20
V
Ipp = 1 A, 8/20 µs, I/O to GND
28
CVI/O = 0 V, F = 1 MHz, Vosc = 30 mV
4.5
5.5
pF
Rd
Dynamic resistance,
pulse width 100 ns
I/O to GND
0.36
Ω
GND to I/O
0.28
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Peak pulse current
BR
RM
RM
RM
PP
V
=
Clamping voltage
CL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com