Electronic Components Datasheet Search
  English  ▼

X  

HDMIULC6-4SC6Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # HDMIULC6-4SC6Y
Description  Automotive ultralarge bandwidth ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4SC6Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HDMIULC6-4SC6Y Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 9Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 10Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 11Page - STMicroelectronics HDMIULC6-4SC6Y Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HDMIULC6-4SC6Y
Technical information
Doc ID 018879 Rev 2
9/12
Figure 16.
Analog crosstalk measurements
Figure 16 gives the measurement circuit for the analog application. In usual frequency range
of analog signals (up to 240 MHz) the effect on disturbed line is less than -45 dB (see
Figure 17).
Figure 17.
Analog crosstalk results
As the HDMIULC6-4SC6Y is designed to protect high speed data lines, it must ensure a
good transmission of operating signals. The frequency response (Figure 5.) gives
attenuation information and shows that the HDMIULC6-4SC6Y is well suitable for data line
transmission up to 3.2 Gb/s.
NETWORK ANALYSER
PORT 2
NETWORK ANALYSER
PORT 1
TEST BOARD
NETWORK ANALYSER
PORT 2
NETWORK ANALYSER
PORT 1
TEST BOARD
100.0k
1.0M
10.0M
100.0M
1.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
dB
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com