Electronic Components Datasheet Search
  English  ▼

X  

FC14971 Datasheet(PDF) 1 Page - Cree, Inc

Part # FC14971
Description  Florentina series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FC14971 Datasheet(HTML) 1 Page - Cree, Inc

  FC14971 Datasheet HTML 1Page - Cree, Inc FC14971 Datasheet HTML 2Page - Cree, Inc FC14971 Datasheet HTML 3Page - Cree, Inc FC14971 Datasheet HTML 4Page - Cree, Inc FC14971 Datasheet HTML 5Page - Cree, Inc FC14971 Datasheet HTML 6Page - Cree, Inc FC14971 Datasheet HTML 7Page - Cree, Inc FC14971 Datasheet HTML 8Page - Cree, Inc FC14971 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Florentina series
last update 15/9/2016
DETAILS
Product Number
FC14971_FLORENTINA-2X2-RS
Family
Florentina
Type
Pack
Color
black
Diameter
95,57x95,57 mm
Height
17,72 mm
Style
square
Optic Material
Holder Material
Fastening
screw, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
15/09/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-L
16 deg
82 %
8.800
-
XHP35 HD
17 deg
83 %
6.800
-
LUXEON TX
10 deg
85 %
17.100
-
Oslon Square EC
10 deg
84 %
18.700
-
June 9th 2017 5:34 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FC14971

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC14970 CREE-FC14970 Datasheet
985Kb / 13P
Florentina series
logo
Ledil, Inc.
FC14970 LEDIL-FC14970 Datasheet
985Kb / 13P
Florentina Pack
logo
Cree, Inc
FC14972 CREE-FC14972 Datasheet
1Mb / 17P
Florentina series
logo
Ledil, Inc.
FC14972 LEDIL-FC14972 Datasheet
1Mb / 17P
Florentina Pack
logo
Cree, Inc
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
Florentina series
More results

Similar Description - FC14971

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
Florentina series
FC14974 CREE-FC14974 Datasheet
1Mb / 17P
Florentina series
FC14975 CREE-FC14975 Datasheet
1Mb / 15P
Florentina series
FC15461 CREE-FC15461 Datasheet
772Kb / 7P
Florentina series
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
Florentina series
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
Florentina series
FC15726 CREE-FC15726 Datasheet
1Mb / 19P
Florentina series
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
Florentina series
FCA15451 CREE-FCA15451 Datasheet
185Kb / 4P
Florentina series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com