Electronic Components Datasheet Search
  English  ▼

X  

EMMA050400 Datasheet(PDF) 3 Page - CUI INC

Part # EMMA050400
Description  MEDICAL AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMMA050400 Datasheet(HTML) 3 Page - CUI INC

  EMMA050400 Datasheet HTML 1Page - CUI INC EMMA050400 Datasheet HTML 2Page - CUI INC EMMA050400 Datasheet HTML 3Page - CUI INC EMMA050400 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 07/10/2015
│ page 3 of 4
CUI Inc
│ SERIES: EMMA 30W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY
MECHANICAL DRAWING
EMM-EU
EMM-UK
EMM-AU
EMM-US
108.67 4.278
36.70 1.445
1.40 0.055
61.98 2.440
units: mm [inches]
tolerance: ±0.5 [±0.02]
MODEL NO.
CABLE GAUGE
CORD LENGTH
EMMA050040
18 AWG
1,220 mm ±50
EMMA090300
18 AWG
1,220 mm ±50
EMMA120250
18 AWG
1,800 mm ±50
EMMA150200
18 AWG
1,800 mm ±50
EMMA180167
18 AWG
1,800 mm ±50
EMMA240125
18 AWG
1,800 mm ±50
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
108.67 x 61.98 x 36.70 (4.278 x 2.440 x 1.445 inch)
mm
input plug
interchangeable blades (US, Europe, UK, Australia)
weight
300
g
cord length
DC OUTPUT PLUG OPTIONS / DC CORD
A
B
C
Unit
P5/P5R
5.5
2.1
9.5
mm
P6/P6R
5.5
2.5
9.5
mm
Right Angle PXR
Standard PX
Stripped and Tinned
*Tip positive
14±0.5
14±0.5
C
C
D
C
C
C
P1R
P1
Right Angle PXR
Standard PX
Right Angle PXXR
ST
Stripped and Tinned
PXX X X
Standard PXX
N = Center Negative
Plug Polarity:
“Blank” = N/A
P = Center Positive
Plug Angle:
“Blank” = Standard
R = Right Angle
Plug Type
DC PLUG TYPE
EIAJ Plugs
Locking DC Plug
Standard DC Plug
3.5 mm Phono Plug
25±5
9±2
*Contact CUI for additional output plug options.
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com