| Electronic Components Datasheet Search |
|
EMMA150200 Datasheet(PDF) 2 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
EMMA150200 Datasheet(HTML) 2 Page - CUI INC |
|
2 / 4 page ![]() cui.com date 07/10/2015 │ page 2 of 4 CUI Inc │ SERIES: EMMA 30W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY INPUT parameter conditions/description min typ max units voltage 90 264 Vac frequency 47 63 Hz input current 0.8 A inrush current at 240 V ac, cold start 100 A no load power consumption 0.3 W OUTPUT parameter conditions/description min typ max units line regulation1 ±1 % load regulation2 5 Vdc output 9 Vdc output all other outputs ±6 ±3 ±2 % % % voltage accuracy ±2 % hold-up time at 115 Vac 10 ms switching frequency 70 kHz temperature coefficient ±0.05 %/°C Note: 1. measured from 100 ~ 240 Vac, full load 2. measured from 60% to full load and from 60 ~ 20% load (60% ±40% load) PROTECTIONS parameter conditions/description over voltage protection TVS component to clamp short circuit protection continuous, auto restart SAFETY & COMPLIANCE parameter conditions/description min typ max units isolation voltage input to output 5,656 Vdc safety approvals IEC 60601-1, EN 60601-1, UL 60601-1 EMI/EMC EN 55011 Class B, FCC CRF47 Part 18 Class B, EN 60601-1-2, EN 61000-3-(2,3), IEC 61000-4-(2,4,5,6,8,11) leakage current 0.1 mA MTBF as per MIL-HDBK-217F, 115 Vac, 25 °C 200,000 hours RoHS 2011/65/EU ENVIRONMENTAL parameter conditions/description min typ max units operating temperature 0 40 °C storage temperature -20 85 °C humidity non-condensing 93 % For more information, please visit the product page | For information on related products, view Dc Power Jacks |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |