Electronic Components Datasheet Search
  English  ▼

X  

1037066 Datasheet(PDF) 4 Page - SICK AG

Part # 1037066
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1037066 Datasheet(HTML) 4 Page - SICK AG

  1037066 Datasheet HTML 1Page - SICK AG 1037066 Datasheet HTML 2Page - SICK AG 1037066 Datasheet HTML 3Page - SICK AG 1037066 Datasheet HTML 4Page - SICK AG 1037066 Datasheet HTML 5Page - SICK AG 1037066 Datasheet HTML 6Page - SICK AG 1037066 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SRM50-HAV0-K22 | SRS/SRM50
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Dimensional drawing (Dimensions in mm (inch))
General tolerances according to ISO 3302-1
40±0.5 (1.57)
16.9±0.3
(0.67)
7.7 (0.30)
17.7
(0.70)
A
Proposed fitting
*)
A
38.5 ± *)
(1.52)
4
(0.16)
2
(0.08)
Rz 6.3
(0.25)
min. 19
(0.75)
2.5
(0.10)
A
X
X
7.7
(0.30)
4.7
(0.19)
1
(0.04)
*)
A
R3
*) Size of tolerance reduce the
allowed movement of the shaft
see data sheet.
20 (0.79)
3.5
(0.14)
All dimensions in mm (inch)
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-05-10 11:53:11
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com