Electronic Components Datasheet Search
  English  ▼

X  

T5754 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T5754
Description  UHF ASK/FSK TRANSMITTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5754 Datasheet(HTML) 2 Page - ATMEL Corporation

  T5754 Datasheet HTML 1Page - ATMEL Corporation T5754 Datasheet HTML 2Page - ATMEL Corporation T5754 Datasheet HTML 3Page - ATMEL Corporation T5754 Datasheet HTML 4Page - ATMEL Corporation T5754 Datasheet HTML 5Page - ATMEL Corporation T5754 Datasheet HTML 6Page - ATMEL Corporation T5754 Datasheet HTML 7Page - ATMEL Corporation T5754 Datasheet HTML 8Page - ATMEL Corporation T5754 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
T5754
4511F–RKE–07/04
Pin Configuration
Figure 2. Pinning TSSOP8L
1
2
3
4
8
7
6
5
CLK
PA_ENABLE
ANT2
ANT1
ENABLE
GND
VS
XTAL
T5754
Pin Description
Pin
Symbol
Function
Configuration
1CLK
Clock output signal for micro con roller
The clock output frequency is set by the
crystal to fXTAL/4
2
PA_ENABLE
Switches on power amplifier, used for
ASK modulation
3
4
ANT2
ANT1
Emitter of antenna output stage
Open collector antenna output
5
XTAL
Connection for crystal
6
VS
Supply voltage
See ESD protection circuitry (see Figure 8 on page 8)
7
GND
Ground
See ESD protection circuitry (see Figure 8 on page 8)
8
ENABLE
Enable input
CLK
VS
100
100
PA_ENABLE
50k
U
ref = 1.1 V
20 µA
ANT1
ANT2
XTAL
1.2k
V
S
1.5k
V
S
182 µA
ENABLE
200k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com