Electronic Components Datasheet Search
  English  ▼

X  

1035604 Datasheet(PDF) 4 Page - SICK AG

Part # 1035604
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1035604 Datasheet(HTML) 4 Page - SICK AG

  1035604 Datasheet HTML 1Page - SICK AG 1035604 Datasheet HTML 2Page - SICK AG 1035604 Datasheet HTML 3Page - SICK AG 1035604 Datasheet HTML 4Page - SICK AG 1035604 Datasheet HTML 5Page - SICK AG 1035604 Datasheet HTML 6Page - SICK AG 1035604 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SKS36-HVV0-K02 | SKS/SKM36
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Dimensional drawing (Dimensions in mm (inch))
General tolerances according to DIN ISO 2768-mk
A
B
Ø 0.05
B
C
7.8
(0.31)
1 x M12
9.5
(0.37)
8
(0.31)
10±0.3
(0.39)
2.5
(0.10)
2.5+0.2
(0.10)
45 (1.77)
3 x 100°
A
Ø 0.05 C
A
A
A
0.08
0.08
0.02
PIN assignment
PIN
Colour of wires Signal
Explanation
1
brown
REFSIN
Process data channel
2
white
+ SIN
Process data channel
3
black
REFCOS Process data channel
4
pink
+ COS
Process data channel
5
grey or yellow
Daten + RS-485 Parameter channel
6
green or purple Daten – RS-485 Parameter channel
7
blue
GND
Ground connection
8
red
+ Us
Encoder Supply voltage
Screen
Housing potential
View of the plug-in face
Diagram
Signal diagram for clockwise shaft rotation, looking in direction “A” (see dimensional drawing) 1 period = 360° : 128
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-05-10 11:53:11
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com