Electronic Components Datasheet Search
  English  ▼

X  

C13699 Datasheet(PDF) 1 Page - Cree, Inc

Part # C13699
Description  Strada series
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C13699 Datasheet(HTML) 1 Page - Cree, Inc

  C13699 Datasheet HTML 1Page - Cree, Inc C13699 Datasheet HTML 2Page - Cree, Inc C13699 Datasheet HTML 3Page - Cree, Inc C13699 Datasheet HTML 4Page - Cree, Inc C13699 Datasheet HTML 5Page - Cree, Inc C13699 Datasheet HTML 6Page - Cree, Inc C13699 Datasheet HTML 7Page - Cree, Inc C13699 Datasheet HTML 8Page - Cree, Inc C13699 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
PRODUCT DATASHEET
Strada series
last update 12/5/2017
DETAILS
Product Number
C13699_STRADA-2X2-DN
Family
Strada
Type
Lens array
Color
clear
Diameter
50 x 50 mm
Height
8,05 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
pin, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
12/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
Asymmetric degAsymmetric 94 %
0.700
-
XT-E
asymmetric degAsymmetric 94 %
0.670
-
XM-L2
sim: AsymmetricAsymmetric sim: 94 % -
-
XP-L
Asymmetric degAsymmetric 94 %
0.620
-
XP-L HI
Asym deg
Asymmetric 94 %
0.760
-
XP-G2
Asymmetric degAsymmetric 94 %
0.760
-
XP-L2
Asymmetric degAsymmetric 94 %
0.560
-
XHP35 HD
sim: AsymmetricAsymmetric sim: 94 % sim: 0.630 -
H35C1 (LEMWA33)
Asymmetric degAsymmetric 94 %
0.730
-
LUXEON T
sim: AsymmetricAsymmetric -
-
-
LUXEON Q
asymmetric degAsymmetric 94 %
0.700
-
LUXEON TX
asymmetric degAsymmetric 94 %
0.750
-
LUXEON MZ
Asymmetric degAsymmetric 94 %
0.610
-
NVSxx19B/NVSxx19C
sim: Asym
Asymmetric sim: 94 % sim: 0.718 -
NVSxE21A
asym deg
Asymmetric 94 %
1.500
-
NVSW3x9A
Asymmetric degAsymmetric 94 %
0.620
-
Oslon Square PC
asymmetric degAsymmetric 94 %
0.750
-
Oslon Square Gen3
sim: AsymmetricAsymmetric sim: 93 % sim: 0.800 -
Duris S8
sim: AsymmetricAsymmetric sim: 93 % sim: 0.640 -
Duris P9
sim: AsymmetricAsymmetric sim: 94 % sim: 0.670 -
Fortimo FastFlex LED board 2x8 DA G4 Asymmetric degAsymmetric sim: 94 % 0.780
-
Fortimo FastFlex LED board 2x8 DAX G4sim: AsymmetricAsymmetric sim: 94 % sim: 0.000 -
LH351B
Asymmetric degAsymmetric 94 %
0.720
-
LH351D
sim: asym
Asymmetric sim: 93 % 0.640
-
Z5M1/Z5M2
asymmetric degAsymmetric 94 %
0.800
-
June 12th 2017 3:52 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13699

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
More results

Similar Description - C13699

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13896 CREE-C13896 Datasheet
1Mb / 22P
Strada series
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
Strada series
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com