Electronic Components Datasheet Search
  English  ▼

X  

C14656 Datasheet(PDF) 1 Page - Cree, Inc

Part # C14656
Description  Strada series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C14656 Datasheet(HTML) 1 Page - Cree, Inc

  C14656 Datasheet HTML 1Page - Cree, Inc C14656 Datasheet HTML 2Page - Cree, Inc C14656 Datasheet HTML 3Page - Cree, Inc C14656 Datasheet HTML 4Page - Cree, Inc C14656 Datasheet HTML 5Page - Cree, Inc C14656 Datasheet HTML 6Page - Cree, Inc C14656 Datasheet HTML 7Page - Cree, Inc C14656 Datasheet HTML 8Page - Cree, Inc C14656 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Strada series
last update 11/2/2016
DETAILS
Product Number
C14656_STRADA-SQ-ANZ-P
Family
Strada
Type
Lens
Color
clear
Diameter
25x25 mm
Height
8,12 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape, glue, screw, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
11/02/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XHP35 HD
sim: AsymmetricAsymmetric sim: 90 % sim: 0.670 -
XHP35 HI
sim: AsymmetricAsymmetric sim: 92 % sim: 0.750 -
LUXEON M/MX
Asymmetric degAsymmetric 94 %
0.520
-
Duris P10
sim: AsymmetricAsymmetric sim: 91 % sim: 0.547 -
June 12th 2017 3:49 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14656

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14656 LEDIL-C14656 Datasheet
2Mb / 6P
Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
More results

Similar Description - C14656

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13896 CREE-C13896 Datasheet
1Mb / 22P
Strada series
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
Strada series
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com