Electronic Components Datasheet Search
  English  ▼

X  

CS14144 Datasheet(PDF) 1 Page - Cree, Inc

Part # CS14144
Description  Strada series
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS14144 Datasheet(HTML) 1 Page - Cree, Inc

  CS14144 Datasheet HTML 1Page - Cree, Inc CS14144 Datasheet HTML 2Page - Cree, Inc CS14144 Datasheet HTML 3Page - Cree, Inc CS14144 Datasheet HTML 4Page - Cree, Inc CS14144 Datasheet HTML 5Page - Cree, Inc CS14144 Datasheet HTML 6Page - Cree, Inc CS14144 Datasheet HTML 7Page - Cree, Inc CS14144 Datasheet HTML 8Page - Cree, Inc CS14144 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PRODUCT DATASHEET
Strada series
last update 24/5/2017
DETAILS
Product Number
CS14144_STRADA-IP-2X6-ME
Family
Strada
Type
Assembly
Color
white
Diameter
71,4x173 mm
Height
8,42 mm
Style
rectang
Optic Material
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
24/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
Asymmetric degAsymmetric 94 %
0.560
-
XT-E
asymmetric degAsymmetric 93 %
0.823
-
XP-L
asymmetric degAsymmetric 94 %
0.620
-
XHP35 HD
sim: AsymmetricAsymmetric sim: 88 % sim: 0.530 -
XHP35 HI
sim: AsymmetricAsymmetric sim: 90 % sim: 0.540 -
XP-G2
asymmetric degAsymmetric 94 %
0.820
-
XP-G3
sim: AsymmetricAsymmetric sim: 88 % sim: 0.550 -
XP-L2
Asymmetric degAsymmetric 94 %
0.580
-
H35C1 (LEMWA33)
Asymmetric degAsymmetric 94 %
0.670
-
LUXEON T
Asymmetric degAsymmetric 96 %
-
-
LUXEON XR-TX (L2T0-xxyy012M)
Asymmetric degAsymmetric 94 %
0.850
-
NVSxx19B/NVSxx19C
Asymmetric degAsymmetric 96 %
0.800
-
Duris S8
sim: AsymmetricAsymmetric sim: 90 % sim: 0.580 -
Duris P8
sim: AsymmetricAsymmetric sim: 90 % sim: 0.640 -
Fortimo FastFlex LED board 2x6 DP G4 Asymmetric degAsymmetric 94 %
0.820
-
Fortimo FastFlex LED board 2x6 DPX G4sim: AsymmetricAsymmetric sim: 88 % sim: 0.550 -
Acrich MJT 4040
sim: AsymmetricAsymmetric -
-
-
Z5M1/Z5M2
sim: AsymmetricAsymmetric sim: 90 % sim: 0.840 -
Z8Y22P
Asymmetric degAsymmetric 94 %
0.730
-
TL1L3
sim: AsymmetricAsymmetric sim: 95 % -
-
TL1L2
sim: AsymmetricAsymmetric sim: 88 % -
-
TL1L4
Asymmetric degAsymmetric 92 %
0.750
-
June 12th 2017 3:58 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS14144

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS14144 LEDIL-CS14144 Datasheet
5Mb / 17P
Beam with excellent longitudinal luminance uniformity fulfilling EN13201 M-class
More results

Similar Description - CS14144

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13896 CREE-C13896 Datasheet
1Mb / 22P
Strada series
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
Strada series
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com