Electronic Components Datasheet Search
  English  ▼

X  

CS15363 Datasheet(PDF) 3 Page - Cree, Inc

Part # CS15363
Description  Strada series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS15363 Datasheet(HTML) 3 Page - Cree, Inc

  CS15363 Datasheet HTML 1Page - Cree, Inc CS15363 Datasheet HTML 2Page - Cree, Inc CS15363 Datasheet HTML 3Page - Cree, Inc CS15363 Datasheet HTML 4Page - Cree, Inc CS15363 Datasheet HTML 5Page - Cree, Inc CS15363 Datasheet HTML 6Page - Cree, Inc CS15363 Datasheet HTML 7Page - Cree, Inc CS15363 Datasheet HTML 8Page - Cree, Inc CS15363 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Beam direction
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
CS15363
CS15363_STRADA-IP-2X6-T2-B
A3
1/1
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
C15361
STRADA-IP-2X6-T2-B
PMMA
Clear
2
C14018
2X6-SEAL25
Silicone
White
54.2
54.2
54.2
Top view
Scale:
1:1
173
A
A
18.2
25.4
25.4
25.4
25.4
18.2
Bottom view
Scale:
1:1
25.4
25.4
25.4
25.4
25.4
50.8
1.7
C
C
Section view C-C
Scale:
2:1
Silicon seal
with ribs
1,6mm thick
PCB
LED
12.03
5.35
Section view A-A
Scale:
2:1
Pockets for wiring and
screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com