Electronic Components Datasheet Search
  English  ▼

X  

FC15720 Datasheet(PDF) 2 Page - Cree, Inc

Part # FC15720
Description  Florentina series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FC15720 Datasheet(HTML) 2 Page - Cree, Inc

  FC15720 Datasheet HTML 1Page - Cree, Inc FC15720 Datasheet HTML 2Page - Cree, Inc FC15720 Datasheet HTML 3Page - Cree, Inc FC15720 Datasheet HTML 4Page - Cree, Inc FC15720 Datasheet HTML 5Page - Cree, Inc FC15720 Datasheet HTML 6Page - Cree, Inc FC15720 Datasheet HTML 7Page - Cree, Inc FC15720 Datasheet HTML 8Page - Cree, Inc FC15720 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Assembly:
1. Attach lenses by pressing them down until they snap into place.
2. Screw the holder (with lenses assembled) to PCB. Inspect that the positioning
pins are securely in their holes.
3. Press the shade down on the holder until they are securely attached.
Optional side attachment: The holder can also be attached with DIN 7985 M3 nuts
1. One nut per side for rotational attachment
2. Two per side for fixed beam direction
Recommendations:
Screw type DIN 7985 M3, max. torque 0.6Nm
Compatible with Strada-2X2MX PCB
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
1/1
SIZE
A3
DRAWING TITLE
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
FLORENTINA-2x2-WHT assembly
INDEX PART NO
DESCRIPTION
MATERIAL
COLOUR
1
-
LAURA / ROSE lens
-
2
C14960
FLORENTINA-2X2-SHD-WHT
PC
white
3
C14735
FLORENTINA-2X2-HLD
PC
black
95.57
40
20
2
3.2
83.59
LED middle position
40
20
3.3
Side view
1
2
3
Optional attachment 1
Optional attachment 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com