Electronic Components Datasheet Search
  English  ▼

X  

TL14661 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL14661
Description  HIGH SPEED / PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL14661 Datasheet(HTML) 1 Page - Texas Instruments

  TL14661 Datasheet HTML 1Page - Texas Instruments TL14661 Datasheet HTML 2Page - Texas Instruments TL14661 Datasheet HTML 3Page - Texas Instruments TL14661 Datasheet HTML 4Page - Texas Instruments TL14661 Datasheet HTML 5Page - Texas Instruments TL14661 Datasheet HTML 6Page - Texas Instruments TL14661 Datasheet HTML 7Page - Texas Instruments TL14661 Datasheet HTML 8Page - Texas Instruments TL14661 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TL1466I
HIGHSPEED/PRECISION SIX CHANNEL
SWITCHING REGULATOR CONTROLLER
SLVS262 − FEBRUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High-Speed Output Circuit to Drive PNP
Power Transistor
D Precision Reference Voltage . . . 1.5 V ±2%
at TA = 25°C
D Oscillator Frequency...50 kHz to 0.8 MHz
D Low Supply Voltage Operation VCC = 2.5 V
to 12 V
D Output Voltage Limit (Channel 5 and 6)
D Low Supply Current
D Internal Undervoltage Lockout Protection
D Internal Short-Circuit Protection
D Shutdown Function
D External Sink Current Setting on Output
Stage
description
The TL1466I is a six channel pulse-width-modulation (PWM) control circuit. This device contains reference
voltage with a precision of
±2%, a triangle wave oscillator capable of high frequency oscillation up to 0.8 MHz,
various protection circuitry, and shutdown circuitry. The output regulation voltage for each channel is set by an
external resistor divider. Moreover, the output stage is capable of driving a PNP power transistor with high
speed. The high frequency/efficiency switching operation eliminates switching loss by using internal over-drive
circuitry at the rising edge and with reverse bias connecting external bootstrap capacitor at the falling edge. The
MOSFET can be used in parallel with the output diode at channel 1 and 4. This results in further high efficiency
operation replacing the constant time with this MOSFET when the output diode is turned on. Furthermore, it
operates 2.5 V supply voltage and balances switching current by switching repeatedly at the reverse phase with
two pairs (channel 1, 4, 6, and 2, 3, 5) of the six channels. The oscillator output of channel 1, 4, and 6 is reverse
phase for channel 2, 3, and 5. As a result of these features, this device is well-suited for power supply of portable
systems in battery-powered equipment.
FUNCTION TABLE FOR STANDBY
INPUT
OUTPUT
STANDBY
STANDBY-3
VREF
OUTPUT1, 2, 4, 5, 6
OUTPUT3
VI ≤ 0.4 V
X†
OFF
OFF
OFF
VI ≥ 2 V
VI ≥ 2 V
ON
ON
ON
VI ≥ 2 V
VI ≤ 0.4 V
ON
ON
OFF
† X: High-level or low-level
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TL14661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1466I TI-TL1466I Datasheet
375Kb / 24P
HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
TL1466IPMR TI-TL1466IPMR Datasheet
375Kb / 24P
HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
TL1466IPMRG4 TI-TL1466IPMRG4 Datasheet
375Kb / 24P
HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - TL14661

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3785A FUJITSU-MB3785A Datasheet
293Kb / 29P
Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
2-CHANNEL SWITCHING REGULATOR CONTROLLER
V 1.0
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
2-Channel Switching Regulator Controller
logo
Texas Instruments
TL1466I TI-TL1466I Datasheet
375Kb / 24P
HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T Datasheet
127Kb / 12P
Bi-CMOS LSI Six-Channel Switching Regulator Controller
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
4-Channel Switching Regulator Controller
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
Six-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T_09 Datasheet
155Kb / 12P
Eight-Channel Switching Regulator Controller
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
FIVE & SIX CHANNEL HIGH SPEED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com