Electronic Components Datasheet Search
  English  ▼

X  

STM704SM6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM704SM6F
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SM6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM704SM6F Datasheet HTML 10Page - STMicroelectronics STM704SM6F Datasheet HTML 11Page - STMicroelectronics STM704SM6F Datasheet HTML 12Page - STMicroelectronics STM704SM6F Datasheet HTML 13Page - STMicroelectronics STM704SM6F Datasheet HTML 14Page - STMicroelectronics STM704SM6F Datasheet HTML 15Page - STMicroelectronics STM704SM6F Datasheet HTML 16Page - STMicroelectronics STM704SM6F Datasheet HTML 17Page - STMicroelectronics STM704SM6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
STM690/704/795/802/804/805/806
14/31
Figure 18. VPFI Threshold vs. Temperature
Figure 19. Reset Comparator Propagation Delay vs. Temperature
Figure 20. Power-up trec vs. Temperature
1.225
1.230
1.235
1.240
1.245
1.250
1.255
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE [
°C]
VCC = 2.5V
VCC = 3.3V
VCC = 5V
VBAT = 3.0V
AI09142
10
12
14
16
18
20
22
24
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE [
°C]
VBAT = 3.0V
100mV OVERDRIVE
AI09143
AI09144
195
200
205
210
215
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE [
°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com