Electronic Components Datasheet Search
  English  ▼

X  

TLHG640 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLHG640
Description  High Efficiency LED in 5 mm Tinted Diffused Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG640 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLHG640 Datasheet HTML 1Page - Vishay Siliconix TLHG640 Datasheet HTML 2Page - Vishay Siliconix TLHG640 Datasheet HTML 3Page - Vishay Siliconix TLHG640 Datasheet HTML 4Page - Vishay Siliconix TLHG640 Datasheet HTML 5Page - Vishay Siliconix TLHG640 Datasheet HTML 6Page - Vishay Siliconix TLHG640 Datasheet HTML 7Page - Vishay Siliconix TLHG640 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
TLHG / R / Y640.
Document Number 83219
Rev. 1.5, 31-Aug-04
Vishay Semiconductors
www.vishay.com
5
Figure 11. Rel. Luminous Intensity vs. Ambient Temperature
Figure 12. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 13. Relative Luminous Intensity vs. Forward Current
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb - Ambient Temperature ( °C)
Yellow
IF =10mA
Yellow
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1 0.05
0.02
1
IF(mA)
tp/T
2.0
Yellow
IF - Forward Current ( mA )
100
0.1
1
10
95 10033
10
1
0.01
Figure 14. Relative Intensity vs. Wavelength
Figure 15. Forward Current vs. Forward Voltage
Figure 16. Rel. Luminous Intensity vs. Ambient Temperature
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ -
- Wavelength ( nm )
1.0
Yellow
0.1
1
10
100
1000
10
8
6
4
2
0
95 10034
VF - Forward Voltage(V)
Green
t p /T = 0.001
t p =10 µs
0
0.4
0.8
1.2
1.6
95 10035
Green
I F =10mA
Tamb- Ambient Temperature (°C)
20
40
60
80
0
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com