Electronic Components Datasheet Search
  English  ▼

X  

TLOU114P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLOU114P
Description  TOSHIBA InGaA?밣 LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU114P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLOU114P Datasheet HTML 1Page - Toshiba Semiconductor TLOU114P Datasheet HTML 2Page - Toshiba Semiconductor TLOU114P Datasheet HTML 3Page - Toshiba Semiconductor TLOU114P Datasheet HTML 4Page - Toshiba Semiconductor TLOU114P Datasheet HTML 5Page - Toshiba Semiconductor TLOU114P Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLOU114P,TLSU114P,TLYU114P
2002-09-25
1
TOSHIBA InGaAℓP LED
TLOU114P,TLSU114P,TLYU114P
Panel Circuit Indicator
· InGaAℓP LED
· Without stand−offs
· All plastic mold type
· Colored lusterless lens
· Lineup: 3 colors (red, orange, yellow)
· Suitable for high−brightness and less electricity consumption.
· All plastic molded lens, provides an excellent on−off contrast ratio.
· Applications: Backlight, light for decoration, switches,
various indicator, personal equipment
Lineup
Product
Color
Material
TLOU114P
Orange
InGaAℓP
TLSU114P
Red
InGaAℓP
TLYU114P
Yellow
InGaAℓP
Maximum Ratings (Ta = 25°C)
Product
Forward
Current
IF (mA)
Reverse
Voltage
VR (V)
Power
Dissipation
PD (mW)
Operating
Temperature
Top (°C)
Storage
Temperature
Tstg (°C)
TLOU114P
30
4
72
-20~75
-30~100
TLSU114P
30
4
72
-20~75
-30~100
TLYU114P
30
4
75
-20~75
-30~100
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
Weight: 0.31g
TENTATIVE


Similar Part No. - TLOU114P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU114P TOSHIBA-TLOU114P Datasheet
198Kb / 6P
Panel Circuit Indicator
TLOU114PF TOSHIBA-TLOU114PF Datasheet
198Kb / 6P
Panel Circuit Indicator
TLOU114P TOSHIBA-TLOU114P_07 Datasheet
198Kb / 6P
Panel Circuit Indicator
More results

Similar Description - TLOU114P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRE50T MARKTECH-TLRE50T Datasheet
436Kb / 12P
TOSHIBA InGaA?밣 LED
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
TOSHIBA InGaA?밣 LED
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
TOSHIBA InGaA?밣 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com