Electronic Components Datasheet Search
  English  ▼

X  

TLHO4200 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLHO4200
Description  High Efficiency LED, 3 mm Tinted Undiffused Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO4200 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TLHO4200 Datasheet HTML 2Page - Vishay Siliconix TLHO4200 Datasheet HTML 3Page - Vishay Siliconix TLHO4200 Datasheet HTML 4Page - Vishay Siliconix TLHO4200 Datasheet HTML 5Page - Vishay Siliconix TLHO4200 Datasheet HTML 6Page - Vishay Siliconix TLHO4200 Datasheet HTML 7Page - Vishay Siliconix TLHO4200 Datasheet HTML 8Page - Vishay Siliconix TLHO4200 Datasheet HTML 9Page - Vishay Siliconix TLHO4200 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VISHAY
TLHG / O / P / R / Y420.
Document Number 83005
Rev. 1.3, 31-Aug-04
Vishay Semiconductors
www.vishay.com
9
Package Dimensions in mm
95 10913



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com