Electronic Components Datasheet Search
  English  ▼

X  

PBK-1 Datasheet(PDF) 5 Page - CUI INC

Part # PBK-1
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-1 Datasheet(HTML) 5 Page - CUI INC

  PBK-1 Datasheet HTML 1Page - CUI INC PBK-1 Datasheet HTML 2Page - CUI INC PBK-1 Datasheet HTML 3Page - CUI INC PBK-1 Datasheet HTML 4Page - CUI INC PBK-1 Datasheet HTML 5Page - CUI INC PBK-1 Datasheet HTML 6Page - CUI INC PBK-1 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date
03/25/2014 │ page 5 of 7
CUI Inc
│ SERIES: PBK-1 │ DESCRIPTION: AC-DC POWER SUPPLY
Front View
Side View
Top View
PCB Layout
Bottom View
TEST CONFIGURATION
Figure 1
Table 1
Recommended External Circuit Components
V
OUT
(Vdc)
C11
C21
L11
C31
C4
CY0
(Y1
capacitor)
510μF/400V 150μF/35V 2.2μH68μF/35V 0.1μF/50V 1nF/400Vac
910μF/400V 150μF/35V 2.2μH68μF/35V 0.1μF/50V 1nF/400Vac
12
10μF/400V 100μF/35V 2.2μH68μF/35V 0.1μF/50V 1nF/400Vac
15
10μF/400V 100μF/35V 2.2μH68μF/35V 0.1μF/50V 1nF/400Vac
24
10μF/400V 100μF/35V 2.2μH68μF/35V 0.1μF/50V 1nF/400Vac
Co p p e r sh e e t
C o nn ec t Os c illo gr ap h P ro be
AC -D C
+Vo
-Vo
FU SE
C2
C3
CY0
L1
C4
C1
Note:
1. Required components.
2. 1 A/250 V fuse required.
MECHANICAL DRAWING (CONTINUED)
units: mm[inch]
tolerance: ±0.5[±0.020]
pin tolerance: ±0.1[±0.004]
RIGHT-ANGLE ORIENTATION
PIN CONNECTIONS
PIN
FUNCTION
1
-Vin (N)
3
+Vin (L)
5
+V(CAP)
7
-V(CAP)
10
-Vo
12
+Vo
Note: 1. It is required to add C1 between
pins 5 & 7 (see application circuits).
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com