Electronic Components Datasheet Search
  English  ▼

X  

TPA0312 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0312
Description  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0312 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA0312 Datasheet HTML 17Page - Texas Instruments TPA0312 Datasheet HTML 18Page - Texas Instruments TPA0312 Datasheet HTML 19Page - Texas Instruments TPA0312 Datasheet HTML 20Page - Texas Instruments TPA0312 Datasheet HTML 21Page - Texas Instruments TPA0312 Datasheet HTML 22Page - Texas Instruments TPA0312 Datasheet HTML 23Page - Texas Instruments TPA0312 Datasheet HTML 24Page - Texas Instruments TPA0312 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
OUTPUT COUPLING CAPACITOR, C
C
f
c(high) +
1
2 p R
L
C
C
−3 dB
fc
(4)
USING LOW-ESR CAPACITORS
TPA0312
SLOS335A – DECEMBER 2000 – REVISED OCTOBER 2004
In the typical single-supply SE configuration, an output coupling capacitor (CC) is required to block the dc bias at
the output of the amplifier thus preventing dc currents in the load. As with the input coupling capacitor, the output
coupling capacitor and impedance of the load form a high-pass filter governed by Equation 4.
The main disadvantage, from a performance standpoint, is the load impedances are typically small, which drives
the low-frequency corner higher, degrading the bass response. Large values of CC are required to pass low
frequencies into the load. Consider the example where a CC of 330 µF is chosen and loads vary from 3 Ω, 4 Ω,
8
Ω, 32 Ω, 10 kΩ, to 47 kΩ. Table 2 summarizes the frequency response characteristics of each configuration.
Table 2. COMMON LOAD IMPEDANCES VS LOW FREQUENCY OUTPUT CHARACTERISTICS IN SE MODE
RL (Ω)
CC (µF)
LOWEST FREQUENCY( Hz)
3
330
161
4
330
120
8
330
60
32
330
15
10,000
330
0.05
47,000
330
0.01
As Table 2 indicates, most of the bass response is attenuated into a 4-
Ω load, an 8-Ω load is adequate,
headphone response is good, and drive into line level inputs (a home stereo, for example) is exceptional.
Low-ESR capacitors are recommended throughout this applications section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance, the more the real capacitor behaves like an ideal capacitor.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com