Electronic Components Datasheet Search
  English  ▼

X  

PCN1-S Datasheet(PDF) 1 Page - CUI INC

Part # PCN1-S
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-S Datasheet(HTML) 1 Page - CUI INC

  PCN1-S Datasheet HTML 1Page - CUI INC PCN1-S Datasheet HTML 2Page - CUI INC PCN1-S Datasheet HTML 3Page - CUI INC PCN1-S Datasheet HTML 4Page - CUI INC PCN1-S Datasheet HTML 5Page - CUI INC PCN1-S Datasheet HTML 6Page - CUI INC PCN1-S Datasheet HTML 7Page - CUI INC PCN1-S Datasheet HTML 8Page - CUI INC PCN1-S Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 07/26/2016
page 1 of 9
SERIES: PCN1-S
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 1 W isolated output
• industry standard SIP package
• nominal input voltages: 5, 12, 24 Vdc
• single/dual unregulated output
• 1,500 Vdc isolation voltage
• low ripple and noise
• -40 to 100°C
• efficiency up to 83%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PCN1-S5-S5-S
5
4.5~5.5
5
0
200
1
75
79
PCN1-S5-S12-S
5
4.5~5.5
12
0
84
1
75
79
PCN1-S5-S15-S
5
4.5~5.5
15
0
67
1
75
79
PCN1-S5-D5-S
5
4.5~5.5
±5
0
±100
1
75
74
PCN1-S5-D12-S
5
4.5~5.5
±12
0
±42
1
75
78
PCN1-S5-D15-S
5
4.5~5.5
±15
0
±33
1
75
78
PCN1-S12-S5-S
12
10.8~13.2
5
0
200
1
75
80
PCN1-S12-S12-S
12
10.8~13.2
12
0
84
1
75
81
PCN1-S12-S15-S
12
10.8~13.2
15
0
67
1
75
81
PCN1-S12-D5-S
12
10.8~13.2
±5
0
±100
1
75
77
PCN1-S12-D12-S
12
10.8~13.2
±12
0
±42
1
75
80
PCN1-S12-D15-S
12
10.8~13.2
±15
0
±33
1
75
81
PCN1-S24-S5-S
24
21.6~26.4
5
0
200
1
75
80
PCN1-S24-S12-S
24
21.6~26.4
12
0
84
1
75
83
PCN1-S24-S15-S
24
21.6~26.4
15
0
67
1
75
81
PCN1-S24-D5-S
24
21.6~26.4
±5
0
±100
1
75
79
PCN1-S24-D12-S
24
21.6~26.4
±12
0
±42
1
75
81
PCN1-S24-D15-S
24
21.6~26.4
±15
0
±33
1
75
82
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, with a 0.33 µF ceramic capacitor on the output.
2. Required to add a 2.2 µF (5 & 12 Vdc input models) or 4.7 µF (24 Vdc input models) ceramic capacitor to the input to reduce input voltage stress.
3. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
PART NUMBER KEY
Base Number
Packaging Style:
S = SIP
PCN1 - SXX - X XX - S
Output
S = single
D = dual
Input Voltage
Output Voltage
For more information, please visit the product page.


Similar Part No. - PCN1-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN1-S CUI-PCN1-S Datasheet
5Mb / 9P
DC-DC CONVERTER
07/01/2021
PCN1-S12-D12-M CUI-PCN1-S12-D12-M Datasheet
1Mb / 10P
DC-DC CONVERTER
PCN1-S12-D12-M CUI-PCN1-S12-D12-M Datasheet
1Mb / 9P
DC-DC CONVERTER
PCN1-S12-D12-M CUI-PCN1-S12-D12-M Datasheet
3Mb / 9P
DC-DC CONVERTER
07/01/2021
PCN1-S12-D12-S CUI-PCN1-S12-D12-S Datasheet
1Mb / 9P
DC-DC CONVERTER
More results

Similar Description - PCN1-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com