Electronic Components Datasheet Search
  English  ▼

X  

PSE-3000 Datasheet(PDF) 8 Page - CUI INC

Part # PSE-3000
Description  AC-DC HOT-SWAP POWER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSE-3000 Datasheet(HTML) 8 Page - CUI INC

Back Button PSE-3000 Datasheet HTML 4Page - CUI INC PSE-3000 Datasheet HTML 5Page - CUI INC PSE-3000 Datasheet HTML 6Page - CUI INC PSE-3000 Datasheet HTML 7Page - CUI INC PSE-3000 Datasheet HTML 8Page - CUI INC PSE-3000 Datasheet HTML 9Page - CUI INC PSE-3000 Datasheet HTML 10Page - CUI INC PSE-3000 Datasheet HTML 11Page - CUI INC PSE-3000 Datasheet HTML 12Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
cui.com
date 07/22/2015
│ page 8 of 19
CUI Inc
│ SERIES: PSE-3000 │ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
APPLICATION NOTES (CONTINUED)
PMBus™ COMMAND SUBSET
The following is subset of commands (extracted from the “PMBus™ Power System Management Protocol Specification; Part
II Command Language; Rev 1.2, 6 September 2010”) and apply on a per module basis, (although certain commands could
be applied “globally”). For a full definition of the individual command refer to the above referenced PMBusTM specification.
Opcode
(HEX)
Command
Name
No. of
Bytes
Type
Read /
Write
Command Description
01
OPERATION
1
Byte
W
The OPERATION command is used to turn the unit on & off in
conjunction with the CONTROL (short; last make, first make pin).
03
CLEAR_FAULTS
0
N/A
W
Clear fault data latched at STATUS_WORD
19
CAPABILITY
1
Byte
R
Follows PMBus™ spec.
78
STATUS_BYTE
1
Byte
R
Lower byte returned from the STATUS_WORD
79
STATUS_WORD
2
Word
R
The command returns two bytes of data relating to the unit
fault condition.
88
READ_VIN
2
Word
R
Provides the measured input voltage of the power module.
(Divide decimal value by 100)
89
READ_IIN
2
Word
R
Provides the measured input current of the power module.
(Divide decimal value by 100)
8B
READ_VOUT
2
Word
R
Provides the measured output voltage of the power module.
(Divide decimal value by 100)
8C
READ_IOUT
2
Word
R
Provides the measured output current of the power module.
(Divide decimal value by 100)
8D
READ_TEMPERATURE_1
2
Word
R
This command shall return the prevailing internal ambient of the
power module, in degrees Celsius.
8E
READ_TEMPERATURE_2
2
Word
R
This command shall return a select component temperature used
by the power module, in degrees Celsius.
8F
READ_TEMPERATURE_3
2
Word
R
This command shall return a select component temperature used
by the power module, in degrees Celsius.
90
READ_FAN_SPEED_1
2
Word
R
Provides the measured fan speed (RPM) in the power module.
91
READ_FAN_SPEED_2
2
Word
R
Provides the measured fan speed (RPM) in the power module.
96
READ_POUT
2
Word
R
This command shall return the calculated output being delivered
by the power module, in Watts. (Divide value by 10)
97
READ_PIN
2
Word
R
This command shall return the calculated input being drawn by
the power module, in Watts. (Divide value by 10)
98
PMBusTM_REVISION
1
Byte
R
PMBus™ Revision
99
MFR_ID
8
Block
R
The command returns the ASCII string for manufacturer’s ID.
9A
MFR_MODEL
12
Block
R
The command returns the ASCII string manufacturer’s model.
9B
MFR_REVISION
2
Block
R
The command returns the ASCII string manufacturer’s revision
(example case “A0”).
9C
MFR_LOCATION
8
Block
R
The command returns the ASCII string manufacturer’s revision
(example case “TORONTO”).
9D
MFR_DATE
4
Block
R
The command returns the ASCII string manufacturer’s date code
(example case “0913”).
9E
MFR_SERIAL
8
Block
R
The command returns manufacturers serial number.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com