Electronic Components Datasheet Search
  English  ▼

X  

SD-SN Datasheet(PDF) 3 Page - CUI INC

Part # SD-SN
Description  STANDARD DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-SN Datasheet(HTML) 3 Page - CUI INC

  SD-SN Datasheet HTML 1Page - CUI INC SD-SN Datasheet HTML 2Page - CUI INC SD-SN Datasheet HTML 3Page - CUI INC SD-SN Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ SERIES: SD-SN │ DESCRIPTION: STANDARD DIN CONNECTOR
date 12/20/2016
│ page 3 of 4
SD-60SN
MECHANICAL DRAWINGS (CONTINUED)
units: mm
tolerance:
X.X ±0.38 mm
X.XX ±0.25 mm
X.XXX ±0.150 mm
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com