Electronic Components Datasheet Search
  English  ▼

X  

SD-XXLP Datasheet(PDF) 2 Page - CUI INC

Part # SD-XXLP
Description  STANDARD DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-XXLP Datasheet(HTML) 2 Page - CUI INC

  SD-XXLP Datasheet HTML 1Page - CUI INC SD-XXLP Datasheet HTML 2Page - CUI INC SD-XXLP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
date 11/24/2015
│ page 2 of 3
CUI Inc
│ SERIES: SD-XXLP │ DESCRIPTION: STANDARD DIN CONNECTOR
7.00.276
45°
0.70.029
1.45 0.057
(8 PLCS)
7.00.276
45°
1.45 0.057
(7 PLCS)
7.0 0.276
60°
1.45 0.057
(6 PLCS)
7.00.276
45°
1.45 0.057
(5 PLCS)
7.00.276
72°
1.45 0.057
(4 PLCS)
7.00.276
1.45 0.057
(3 PLCS)
8.00.315
56.8 2.236
M16
13.3 0.524
1.417
36.0
0.354
9.0
0.747
19.0
6.00.236
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
SD-30LP
SD-60LP
SD-40LP
SD-70LP
SD-50LP
SD-80LP
MATERIAL
PLATING
contact terminals
brass
silver
clip plate
cold rolled steel
nickel
body/nut
zinc alloy
nickel
screw
steel
nickel
body
zinc alloy
nickel
strain relief
PVC
plastic core
nylon
For more information, please visit the product page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com