Electronic Components Datasheet Search
  English  ▼

X  

TPIC8101 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC8101
Description  KNOCK SENSOR INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC8101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC8101 Datasheet HTML 9Page - Texas Instruments TPIC8101 Datasheet HTML 10Page - Texas Instruments TPIC8101 Datasheet HTML 11Page - Texas Instruments TPIC8101 Datasheet HTML 12Page - Texas Instruments TPIC8101 Datasheet HTML 13Page - Texas Instruments TPIC8101 Datasheet HTML 14Page - Texas Instruments TPIC8101 Datasheet HTML 15Page - Texas Instruments TPIC8101 Datasheet HTML 16Page - Texas Instruments TPIC8101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TPIC8101
KNOCK SENSOR INTERFACE
SLIS110 − APRIL 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 2. Default SPI Mode
NO.
CODE
COMMAND (t)
DATA
RESPONSE (t)
1
010 D[4:0]
Set the prescaler and SDO status
OSCIN frequency
D[4:1]=0000=> 4 MHz
D[4:1]=0001=> 5 MHz
D[4:1]=0010=> 6 MHz
D[4:1]=0011=> 8 MHz
D[4:1]=0100=> 10 MHz
D[4:1]=0101=> 12 MHz
D[4:1]=0110=> 16 MHz
D[4:1]=0111=> 20 MHz
D[4:1]=1000=> 24 MHz
D[0]=0 => SDO active
D[1]=1=> SDO high impedance
SDI
(010 D[4:0] )
2
1110 000 D[0]
Select the channel
D[0]=0 => Channel 1 selected
D[1]=1=> Channel 2 selected
SDI
(1110 000 D[0])
3
00 D[5:0]
Set the band-pass center frequency
D[5:0] (see Table 1)
SDI
(00 D[5:0])
4
10 D[5:0]
Set the gain
D[5:0] (see Table 1)
SDI
(10 D[5:0])
5
110 D[4:0]
Set the integration time constant
D[4:0] (see Table 1)
SDI
(100 D[4:0])
6
0111 0001
Set SPI configuration to the advanced mode
None
SDI
(0111 0001)
NOTE: Command #6 is to enter into the advanced mode.
advanced SPI mode
The advanced SPI mode has additional features to the default SPI mode. A control byte is written to the SDI
and shifted with the MSB first. The response byte on the SDO is shifted out with the MSB first. The response
byte corresponds to the previous command. Therefore, the SDI shifts in a control byte n and shifts out a
response command byte n−1. Each control/response pair of commands requires two full 8-bit shift cycles to
complete a transmission. The control bytes with the expected response are shown in Table 3.
In the advanced SPI mode, only a power-down condition may reset the SPI mode to the default state on the
subsequent power-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com