Electronic Components Datasheet Search
  English  ▼

X  

TS80C54X2 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # TS80C54X2
Description  8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C54X2 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button TS80C54X2 Datasheet HTML 42Page - ATMEL Corporation TS80C54X2 Datasheet HTML 43Page - ATMEL Corporation TS80C54X2 Datasheet HTML 44Page - ATMEL Corporation TS80C54X2 Datasheet HTML 45Page - ATMEL Corporation TS80C54X2 Datasheet HTML 46Page - ATMEL Corporation TS80C54X2 Datasheet HTML 47Page - ATMEL Corporation TS80C54X2 Datasheet HTML 48Page - ATMEL Corporation TS80C54X2 Datasheet HTML 49Page - ATMEL Corporation TS80C54X2 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
46
Rev. C - 15 January, 2001
TS80C54X2/C58X2
TS87C54X2/C58X2
10.5 AC Parameters
10.5.1 Explanation of the AC Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for time). The other characters,
depending on their positions, stand for the name of a signal or the logical status of that signal. The following is
a list of all the characters and what they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
TA =0to+70
°C (commercial temperature range); V
SS =0V;VCC =5V ± 10%; -M and -V ranges.
TA = -40
°Cto+85°C (industrial temperature range); V
SS =0V;
VCC =5V ± 10%; -M and -V ranges.
TA =0to+70
°C (commercial temperature range); V
SS =0V;2.7V<VCC < 5.5 V; -L range.
TA = -40
°Cto+85°C (industrial temperature range); V
SS =0V;2.7V<VCC < 5.5 V; -L range.
Table 26. gives the maximum applicable load capacitance for Port 0, Port 1, 2 and 3, and ALE and PSEN signals.
Timings will be guaranteed if these capacitances are respected. Higher capacitance values can be used, but timings
will then be degraded.
Table 26. Load Capacitance versus speed range, in pF
Table 28., Table 31. and Table 34. give the description of each AC symbols.
Table 29., Table 32. and Table 35. give for each range the AC parameter.
Table 30., Table 33. and Table 36. give the frequency derating formula of the AC parameter. To calculate each
AC symbols, take the x value corresponding to the speed grade you need (-M, -V or -L) and replace this value
in the formula. Values of the frequency must be limited to the corresponding speed grade:
Table 27. Max frequency for derating formula regarding the speed grade
Example:
TLLIV in X2 mode for a -V part at 20 MHz (T = 1/20
E6 = 50 ns):
x= 22 (Table 30.)
T= 50ns
TLLIV=2T-x=2x50-22= 78ns
-M
-V
-L
Port 0
100
50
100
Port 1, 2, 3
80
50
80
ALE / PSEN
100
30
100
-M X1 mode
-M X2 mode
-V X1 mode
-V X2 mode
-L X1 mode
-L X2 mode
Freq (MHz)
40
20
40
30
30
20
T (ns)
25
50
25
33.3
33.3
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com