Electronic Components Datasheet Search
  English  ▼

X  

TSOP5700 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP5700
Description  IR Receiver for High Data Rate PCM at 455 kHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP5700 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP5700 Datasheet HTML 1Page - Vishay Siliconix TSOP5700 Datasheet HTML 2Page - Vishay Siliconix TSOP5700 Datasheet HTML 3Page - Vishay Siliconix TSOP5700 Datasheet HTML 4Page - Vishay Siliconix TSOP5700 Datasheet HTML 5Page - Vishay Siliconix TSOP5700 Datasheet HTML 6Page - Vishay Siliconix TSOP5700 Datasheet HTML 7Page - Vishay Siliconix TSOP5700 Datasheet HTML 8Page - Vishay Siliconix TSOP5700 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.vishay.com
2
Document Number 82166
Rev. 5, 14-Aug-03
VISHAY
TSOP5700
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Electrical and Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Supply Voltage
Pin 4
VS
- 0.3 to + 6.0
V
Voltage at output to supply
Pin 3
VS - VO
- 0.3 to
(VS + 0.3)
V
Supply Current
Pin 4
IS
5
mA
Output Voltage
Pin 3
VO
- 0.3 to + 6.0
V
Output Current
Pin 3
IO
15
mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
- 40 to + 85
°C
Operating Temperature Range
Tamb
- 25 to + 85
°C
Power Consumption
Tamb ≤ 85 °C
Ptot
50
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Supply Current (Pin 4)
Dark ambient
ISD
2.0
2.7
mA
Ev = 40 klx, sunlight
ISH
2.3
mA
Supply Voltage (Pin 4)
VS
2.7
5
5.5
V
Transmission Distance
λp = 870 nm,
IR Diode TSHF5400,
IF = 300 mA
dmax
15
m
λp = 950 nm,
IR Diode TSAL6400,
IF = 300 mA
dmax
9
m
Threshold Irradiance
λp = 870 nm,
optical test signal of Fig.1
Ee min
1.5
2.5
mW/m2
Maximum Irradiance
Optical test signal of Fig.1
Ee max
30
W/m2
Output Voltage Low (Pin 3)
1 k
Ω external pull up resistor
VQL
100
mV
Output Voltage High (Pin 3)
No external pull-up resistor,
test signal see fig. 1
VQH
VS - 0.25
V
Bandpass filter quality
Q
10
Out-Pulse width tolerance
Optical test signal of Fig.1,
2.5 mW/m2
≤ Ee ≤ 30 W/m2
∆tpo
- 15
+ 5
+ 15
µs
Delay time of output pulse
Optical test signal of Fig.1,
Ee > 2.5 mW/m
2
tdon
15
36
µs
Receiver start up time
Valid data after power on
tV
50
µs
Falling time
Leading edge of output pulse
tf
0.4
µs
Rise time
No external pull up resistor
tr
12
µs
1 k
Ω external pull up resistor
tr
1.2
µs
Directivity
Angle of half transmission
distance
ϕ1/2
± 50
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com