Electronic Components Datasheet Search
  English  ▼

X  

CS14597 Datasheet(PDF) 1 Page - Cree, Inc

Part # CS14597
Description  HighBay series
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CS14597 Datasheet(HTML) 1 Page - Cree, Inc

  CS14597 Datasheet HTML 1Page - Cree, Inc CS14597 Datasheet HTML 2Page - Cree, Inc CS14597 Datasheet HTML 3Page - Cree, Inc CS14597 Datasheet HTML 4Page - Cree, Inc CS14597 Datasheet HTML 5Page - Cree, Inc CS14597 Datasheet HTML 6Page - Cree, Inc CS14597 Datasheet HTML 7Page - Cree, Inc CS14597 Datasheet HTML 8Page - Cree, Inc CS14597 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
PRODUCT DATASHEET
HighBay series
last update 24/5/2017
DETAILS
Product Number
CS14597_HB-IP-2X6-O
Family
HighBay
Type
Assembly
Color
clear
Diameter
173x71,4 mm
Height
12,2 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
24/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
36+110 deg
Asymmetric 91 %
0.610
-
XP-G2
32+116 deg
Asymmetric 92 %
0.660
-
XP-G
31+117 deg
Asymmetric 91 %
0.650
-
XT-E
31+119 deg
Asymmetric 92 %
0.630
-
XM-L2
36+108 deg
Asymmetric 91 %
0.630
-
XP-L
36+115 deg
Asymmetric 91 %
0.600
-
XP-G3
33+119 deg
Asymmetric 92 %
0.630
-
XP-L2
118+38 deg
Asymmetric 92 %
0.560
-
H35C1 (LEMWA33)
sim: 24 + 99
Asymmetric sim: 94 % sim: 1.200 -
LUXEON T
32+115 deg
Asymmetric 91 %
0.630
-
LUXEON R
30+109 deg
Asymmetric 91 %
0.680
-
LUXEON Rebel
28+107 deg
Asymmetric 91 %
0.730
-
LUXEON Rebel ES
30+110 deg
Asymmetric 91 %
0.690
-
LUXEON Z ES
25+108 deg
Asymmetric 90 %
0.790
-
LUXEON TX
30+111 deg
Asymmetric 90 %
0.690
-
LUXEON XR-TX (L2T0-xxyy012M)
30+115 deg
Asymmetric 91 %
0.670
-
LUXEON 5050
sim: 34+96
Asymmetric sim: 93 % sim: 0.940 -
NVSxx19B/NVSxx19C
31+116 deg
Asymmetric 90 %
0.630
-
NVSxE21A
26+116 deg
Asymmetric 91 %
0.700
-
Oslon Square PC
30+111 deg
Asymmetric 92 %
0.690
-
Oslon Square EC
30+108 deg
Asymmetric 91 %
0.720
-
Duris S8
sim: 24+96
Asymmetric sim: 93 % sim: 1.010 -
Oslon Square Gen3
sim: 23+92
Asymmetric sim: 93 % sim: 1.360 -
Oslon SSL 80
26+92 deg
Asymmetric 93 %
0.890
-
Fortimo FastFlex LED board 2x6 DP G4 32+116 deg
Asymmetric 92 %
0.660
-
June 13th 2017 8:01 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS14597

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS14597 LEDIL-CS14597 Datasheet
5Mb / 74P
HighBay Assembly
More results

Similar Description - CS14597

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13233 CREE-C13233 Datasheet
2Mb / 49P
HighBay series
C13605 CREE-C13605 Datasheet
3Mb / 45P
HighBay series
C13749 CREE-C13749 Datasheet
4Mb / 69P
HighBay series
C14541 CREE-C14541 Datasheet
2Mb / 42P
HighBay series
C14605 CREE-C14605 Datasheet
2Mb / 35P
HighBay series
CS14839 CREE-CS14839 Datasheet
1Mb / 26P
HighBay series
C12345 CREE-C12345 Datasheet
1,016Kb / 17P
HighBay series
C13490 CREE-C13490 Datasheet
89Kb / 3P
HighBay series
CS14891 CREE-CS14891 Datasheet
1Mb / 33P
HighBay series
CS14895 CREE-CS14895 Datasheet
1Mb / 29P
HighBay series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com