Electronic Components Datasheet Search
  English  ▼

X  

TS8388BMFS Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TS8388BMFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BMFS Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TS8388BMFS Datasheet HTML 9Page - ATMEL Corporation TS8388BMFS Datasheet HTML 10Page - ATMEL Corporation TS8388BMFS Datasheet HTML 11Page - ATMEL Corporation TS8388BMFS Datasheet HTML 12Page - ATMEL Corporation TS8388BMFS Datasheet HTML 13Page - ATMEL Corporation TS8388BMFS Datasheet HTML 14Page - ATMEL Corporation TS8388BMFS Datasheet HTML 15Page - ATMEL Corporation TS8388BMFS Datasheet HTML 16Page - ATMEL Corporation TS8388BMFS Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
13
TS8388B
2144C–BDC–04/03
Package
Description
Pin Description
Note:
1. The common mode level of the output buffers is 1.2V below the positive digital supply.
For ECL compatibility the positive digital supply must be set at 0V (ground).
For LVDS compatibility (output common mode at +1.2V) the positive digital supply must be set at 2.4V.
If the subsequent LVDS circuitry can withstand a lower level for input common mode, it is recommended to lower the posi-
tive digital supply level in the same proportion in order to spare power dissipation.
Table 7. TS8388BGL Pin Description (CBGA68 package)
Symbol
Pin number
Function
GND
A2, A5, B1, B5, B10, C2, D2, E1, E2, E11,
F1, F2, G11, K2, K3, K4, K5, K10, L2, L5
Ground pins.
To be connected to external ground plane.
VCC
A4, A6, B2, B4, B6, H1, H2, L6, L7
+5V positive supply.
V
EE
A3, B3, G1, G2, J1, J2
5V analog negative supply.
DVEE
F10, F11
-5V digital negative supply.
VIN
L3
In phase (+) analog input signal of the Sample and Hold
differential preamplifier.
VINB
L4
Inverted phase (-) of ECL clock input signal (CLK).
CLK
C1
In phase (+) ECL clock input signal. The analog input is
sampled and held on the rising edge of the CLK signal.
CLKB
D1
Inverted phase (-) of ECL clock input signal (CLK).
B0, B1, B2, B3, B4,
B5, B6, B7
A8, A9, A10, D10, H11, J11, K9, K8
In phase (+) digital outputs.
B0 is the LSB. B7 is the MSB.
B0B, B1B, B2B, B3B,
B4B, B5B, B6B, B7B
B7, B8, B9, C11, G10, H10, L10, L9
Inverted phase (-) digital outputs.
B0B is the inverted LSB. B7B is the inverted MSB.
OR
K7
In phase (+) Out of Range Bit. Out of Range is high on the
leading edge of code 0 and code 256.
ORB
L8
Inverted phase (+) Out of Range Bit (OR).
DR
E10
In phase (+) output of Data Ready Signal.
DRB
D11
Inverted phase (-) output of Data Ready Signal (DR).
GORB
A7
Gray or Binary select output format control pin.
- Binary output format if GORB is floating or V
CC.
- Gray output format if GORB is connected at ground (0V).
GAIN
K6
ADC gain adjust pin. The gain pin is by default grounded, the
ADC gain transfer fuction is nominally close to one.
DIOD/DRRB
K1
Die function temperature measurement pin and
asynchronous data ready reset active low, single-ended ECL
input.
VPLUSD
B11, C10, J10, K11
+2.4V for LVDS output levels otherwise to GND(2).
NC
A1, A11, L1, L11
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com