Electronic Components Datasheet Search
  English  ▼

X  

TS8388BVGL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TS8388BVGL
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVGL Datasheet(HTML) 1 Page - ATMEL Corporation

  TS8388BVGL Datasheet HTML 1Page - ATMEL Corporation TS8388BVGL Datasheet HTML 2Page - ATMEL Corporation TS8388BVGL Datasheet HTML 3Page - ATMEL Corporation TS8388BVGL Datasheet HTML 4Page - ATMEL Corporation TS8388BVGL Datasheet HTML 5Page - ATMEL Corporation TS8388BVGL Datasheet HTML 6Page - ATMEL Corporation TS8388BVGL Datasheet HTML 7Page - ATMEL Corporation TS8388BVGL Datasheet HTML 8Page - ATMEL Corporation TS8388BVGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1
Features
• 8-bit Resolution
• ADC Gain Adjust
• 1.5 GHz Full Power Input Bandwidth (-3 dB)
• 1 GSPS (min) Sampling Rate
• SINAD = 44.3 dB (7.2 Effective Bits), SFDR = 58 dBc,
at FS = 1 GSPS, FIN = 20 MHz
• SINAD = 42.9 dB (7.0 Effective Bits), SFDR = 52 dBc,
at FS = 1 GSPS, FIN = 500 MHz
• SINAD = 40.3 dB (6.8 Effective Bits), SFDR = 50 dBc,
at F
S = 1 GSPS, FIN = 1000 MHz (-3 dB FS)
• 2-tone IMD: -52 dBc (489 MHz, 490 MHz) at 1 GSPS
• DNL = 0.3 lsb, INL = 0.7 lsb
• Low Bit Error Rate (10-13) at 1 GSPS
• Very Low Input Capacitance: 3 pF
• 500 mVpp Differential or Single-ended Analog Inputs
• Differential or Single-ended 50
Ω ECL Compatible Clock Inputs
• ECL or LVDS/HSTL Output Compatibility
• Data Ready Output with Asynchronous Reset
• Gray or Binary Selectable Output Data; NRZ Output Mode
• Power Consumption: 3.4W at Tj = 70
°C Typical
• Radiation Tolerance Oriented Design (150 Krad (Si) measured)
• Two Package Versions
• Evaluation board: TSEV8388B
• Demultiplexer TS81102G0: Companion Device Available
Applications
•
Digital Sampling Oscilloscopes
•
Satellite Receiver
•
Electronic Countermeasures/Electronic Warfare
•
Direct RF Down-conversion
Description
The TS8388B is a monolithic 8-bit analog-to-digital converter, designed for digitizing
wide bandwidth analog signals at very high sampling rates of up to 1 GSPS.
The TS8388B uses an innovative architecture,
including an on-chip Sample and Hold (S/H),
and is fabricated with an advanced
high speed bipolar process.
The on-chip S/H has a 1.5 GHz full power
input bandwidth, providing excellent dynamic
performance in undersampling applications
(High IF digitizing).
ADC 8-bit
1 GSPS
TS8388B
Rev. 2144C–BDC–04/03


Similar Part No. - TS8388BVGL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
ADC 8-bit 500 Msps
TS8308500CGL ATMEL-TS8308500CGL Datasheet
491Kb / 50P
ADC 8-bit 500 Msps
TS8308500VGL ATMEL-TS8308500VGL Datasheet
491Kb / 50P
ADC 8-bit 500 Msps
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
More results

Similar Description - TS8388BVGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
10-bit 2 Gsps ADC
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
Dual 8-bit 1 Gsps ADC
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
Dual 8-bit 1 Gsps ADC
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com