Electronic Components Datasheet Search
  English  ▼

X  

FTA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # FTA
Description  Bearing Type Ball Bearings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FTA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  FTA Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
http://www.deltaww.com
US
FTA
■ DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■ MOUNTING PANEL CUTOUT
484 x 49 x 130 MM SERIES
* Bearing Type
Ball Bearings
* FAN Material
Impeller & Frame : Plactic (UL 94V-0)
* FAN TRAY CASE Material : SPCC
* Weight : 1500g (53.95 OZ)
* Vertical Mount for front Back Cooling
* Real-Time Temperature Display
* FAN Fauit & Over Temperature Alarm
* Air Flow Redundancy
* Temperature / Fan Speed Setting
MODEL
Rated
Voltage
Operating
Voltage
Range
Rated
Current
Rated
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
REV.
AC
AC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O IN H2O dB-A
FTA0302AA
110 or 220
100 to 240
0.65
65
1800/3800
9.84
335
14.2
0.056
63
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
UNIT:
(INCH)
mm
* AC POWER INPUT :
360
10.0
120
0
60
0.0 2.0
240
AIR FLOW
180
300
4.0 6.0 8.0
16.0
420 480 540
12.0 14.0
(CFM)
(M /MIN.)
3
FTA0302AA PIN ASSIGNMENT
NATURE(N)
PIN 2
PIN 3 GROUND( )
C14 SK-1015
BACKPLANE SCOKET
PIN 1 LINE(L)
3800 RPM
1800 RPM
465.1±1.0
484.0±1.0
380.0±1.0
PIN 2
PIN 1
PIN 3


Similar Part No. - FTA

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FTA-3Z PREMO-FTA-3Z Datasheet
98Kb / 1P
IEC Filter Small Size
FTA-6Z PREMO-FTA-6Z Datasheet
98Kb / 1P
IEC Filter Small Size
logo
LEMO Connectors
FTA.00.250.NTF LEMO-FTA.00.250.NTF Datasheet
65Kb / 3P
00 - NIM-CAMAC
logo
Delta Electronics, Inc.
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
Bearing Type Ball Bearings
logo
List of Unclassifed Man...
FTA02N60C ETC1-FTA02N60C Datasheet
54Kb / 6P
N-Channel Enhancement
More results

Similar Description - FTA

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
GFB DELTA-GFB Datasheet
297Kb / 1P
Bearing Type Ball Bearings
EFB DELTA-EFB Datasheet
480Kb / 2P
Bearing Type Ball Bearings
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
Ball bearing
logo
Delta Electronics, Inc.
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
Bearing Type Ball Bearings
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
Bearing Type Ball Bearings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com