Electronic Components Datasheet Search
  English  ▼

X  

GFB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # GFB
Description  Bearing Type Ball Bearings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

GFB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  GFB Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Rated
Input
Power
Rated
Current
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
CFM
mmH O
IN H O
dB-A
22
120 x 120 x 76.2 MM SERIES
GFB
DIMENSIONS DRAWING
GFB1212HW
-R00 / -F00
12
7.0 to 13.2
1.44
17.28
GFB1224HW
-R00 / -F00
24
14.0 to 26.4
0.68
16.32
2950/2750
5.208
183.92
10.48
0.413
55.5
GFB1248HW
-R00 / -F00
48
28.0 to 53.0
0.39
18.72
GFB1212HHW -R00 / -F00
12
7.0 to 13.2
1.89
22.68
GFB1224HHW -R00 / -F00
24
14.0 to 26.4
0.95
22.80
3250/3000
5.755
203.24
12.80
0.504
57.0
GFB1248HHW -R00 / -F00
48
28.0 to 53.0
0.55
26.40
GFB1212VHW -R00 / -F00
12
7.0 to 13.2
2.65
31.80
GFB1224VHW -R00 / -F00
24
14.0 to 26.4
1.21
29.04
3550/3200
6.238
220.29
15.04
0.592
59.0
GFB1248VHW -R00 / -F00
48
28.0 to 53.0
0.62
29.76
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
mm
mm
(INCH)
(INCH)
UNIT:
UNIT:
OUTLET SIDE
INLET SIDE
* Material
UL 1061 AWG #24 OR Equivalent
Impeller & Frame : Plastic(UL 94V-0)
Black Wire Negative(-)
Red Wire Positive(+)
* Weight : 570g (20.10 OZ)
* Lead Wires :
Ball Bearings
* Bearing Type
(4- 0.177)
(4- 0.177)
4-
4.5
4-
4.5
105.0
(4.134)
(4.583)
116.4
105.0
(4.134)
(4.583)
116.4
GFB1212/24/48XW
HH
H
VH
0.60
0.48
0.36
0.24
0.12
Air Flow
4.2
0
0
0
0
3.0
60.0
1.4
120.0
2.8
6.0
9.0
12.0
15.0
240.0
5.6
180.0
7.0 (M /MIN)
(CFM)
3
0.72
18.0
http://www.deltaww.com
Speed
(Front /Rear)


Similar Part No. - GFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GFB0412EHS DELTA-GFB0412EHS Datasheet
315Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFB0412EHS-DF00 DELTA-GFB0412EHS-DF00 Datasheet
757Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFB0412EHS-F00 DELTA-GFB0412EHS-F00 Datasheet
315Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFB0412ES-E DELTA-GFB0412ES-E Datasheet
388Kb / 12P
DC FAN
JAN.21 2020
GFB0412GHS-CF00 DELTA-GFB0412GHS-CF00 Datasheet
640Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - GFB

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
FTA DELTA-FTA Datasheet
356Kb / 1P
Bearing Type Ball Bearings
EFB DELTA-EFB Datasheet
480Kb / 2P
Bearing Type Ball Bearings
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
Ball bearing
logo
Delta Electronics, Inc.
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
Bearing Type Ball Bearings
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
Bearing Type Ball Bearings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com