Electronic Components Datasheet Search
  English  ▼

X  

VHF85 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VHF85
Description  Half Controlled Single Phase Rectifier Bridge, B2HKF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHF85 Datasheet(HTML) 1 Page - IXYS Corporation

  VHF85 Datasheet HTML 1Page - IXYS Corporation VHF85 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
dAV
= 82/123 A
V
RRM = 1200-1600 V
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Test Conditions
Maximum Ratings
VHF 85
VHF 125
I
dAV
T
C = 85°C; module
82
123
A
I
FRMS, ITRMS
per leg
58
89
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
1150
1500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1230
1600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1000
1350
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1070
1450
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
6600
11200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
6280
10750
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
5000
9100
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
4750
8830
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 50 A
150
A/
ms
f =400 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive,
500
A/
ms
di
G/dt = 0.3 A/ms, IT = 1/3 • IdAV
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =30
ms
£
10
W
I
T = ITAVM
t
p =
500
ms
£
5W
t
p =10
ms
£
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M6)
5
±15 %
Nm
Terminal connection torque (M6)
5
±15 %
Nm
Weight
typ.
300
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
1300
1200
VHF 85-12io7
VHF 125-12io7
1500
1400
VHF 85-14io7
VHF 125-14io7
1700
1600
VHF 125-16io7
Features
q
Package with screw terminals
q
Isolation voltage 3000 V~
q
Planar passivated chips
q
UL listing applied for
Applications
q
DC motor control
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
VHF 85
VHF 125
Half Controlled Single Phase
Rectifier Bridge, B2HKF
with Freewheeling Diode
A
+
B
-
1
C
~
2
E
~
A
B
E
C
1
2


Similar Part No. - VHF85

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
VHF HARRIS-VHF Datasheet
203Kb / 2P
DCP SIMULCAST SYSTEM
logo
Mini-Circuits
VHF-1080 MINI-VHF-1080 Datasheet
323Kb / 3P
High Pass Filter
VHF-1080+ MINI-VHF-1080+ Datasheet
323Kb / 3P
High Pass Filter
VHF-1200 MINI-VHF-1200 Datasheet
104Kb / 4P
High Pass Filters 850 to 7000 MHz
VHF-1300 MINI-VHF-1300 Datasheet
104Kb / 4P
High Pass Filters 850 to 7000 MHz
More results

Similar Description - VHF85

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
L042 IXYS-L042 Datasheet
61Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHF15-08IO5 IXYS-VHF15-08IO5 Datasheet
95Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
Single Phase Half Controlled Rectifier Bridge
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
Single Phase Half Controlled Rectifier Bridge
logo
Naina Semiconductor ltd...
NHQ45A NAINA-NHQ45A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ55A NAINA-NHQ55A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 55A
NHQ70A NAINA-NHQ70A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 70A
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
Half Controlled Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com