Electronic Components Datasheet Search
  English  ▼

X  

IPM Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # IPM
Description  Output short circuit protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button IPM Datasheet HTML 6Page - Delta Electronics, Inc. IPM Datasheet HTML 7Page - Delta Electronics, Inc. IPM Datasheet HTML 8Page - Delta Electronics, Inc. IPM Datasheet HTML 9Page - Delta Electronics, Inc. IPM Datasheet HTML 10Page - Delta Electronics, Inc. IPM Datasheet HTML 11Page - Delta Electronics, Inc. IPM Datasheet HTML 12Page - Delta Electronics, Inc. IPM Datasheet HTML 13Page - Delta Electronics, Inc. IPM Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_IPM12S0A008_03202007
10
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage
of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the
maximum output power of the module must not exceed
the maximum rated power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the IPM
modules by connecting a resistor, Rmargin-up, from the Trim
pin to the ground pin for margining-up the output voltage
and by connecting a resistor, Rmargin-down, from the Trim pin
to the output pin for margining-down. Figure 31 shows
the circuit configuration for output voltage margining. If
unused, leave the trim pin unconnected.
Vo
On/Off
Vin
GND
Trim
IPM
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 31: Circuit configuration for output voltage margining
FEATURE DESCRIPTIONS (CON.)
Table 1 provides Rtrim values required for some common
output voltages, while Table 2 provides value of external
voltage source, Vtrim, for the same common output
voltages. By using a 0.5% tolerance resistor, set point
tolerance of ±2% can be achieved as specified in the
electrical specification.
Table 1
VO (V)
Rtrim (
Ω)
0.800
5.09K
0.900
Open
1.0
37.2K
1.2
12.2K
1.5
5.98K
1.8
3.90K
2.5
2.08K
3.3
1.30K
5.0
653
Table 2
VO (V)
Vtrim (V)
0.80
0.705
0.90
0.700
1.2
0.685
1.5
0.671
1.8
0.656
2.5
0.622
3.3
0.583
5.0
0.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com