Electronic Components Datasheet Search
  English  ▼

X  

TDP Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # TDP
Description  HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

TDP Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  TDP Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-3
HIGH PERFORMANCE 3-PHASE 3-WIRE
PLASTIC CASE FILTERS
SERIES
COMPONENTS
L
Cx
Cy
R
PART NO.
(M )
(mH)
(uF)
(uF)
04TDPS6/(D)
40.0
06TDPS6/(D)
23.0
10TDPS6/(D)
10.0
16TDPS6/(D)
4.3
0.22
0.068
1.0
20TDPS6/(D)
2.5
30TDPS6/(D)
1.2
10TDPS6E/(D) 46.3
16TDPS6E/(D) 25.3
20TDPS6E/(D) 14.8
30TDPS6E/(D)
7.1
17
+
-
100.0 0.5
0.02
3.94+
-
+
-
5.5 0.3 (4X)
+
-
0.22 0.012 (4X)
1.0
+
-
0.039
+
-
19.5
0.77
1.0
+
-
0.039
+
-
19.5
0.77
73.0 +
-
2.87+
-
1.0
0.039
1.0
0.039
114.0+
-
4.49+
-
M4X0.8(6X)
DIN RAIL
M4X0.8
GND
1.0
+
-
0.039
+
-
19.5
0.77
1.0
+
-
0.039
+
-
19.5
0.77
73.0 +
-
2.87+
-
1.0
0.039
M4X0.8(6X)
M4X0.8
GND
1.0
0.039
114.0+
-
4.49+
-
+
-
100.0 0.5
0.02
3.94+
-
+
-
5.5 0.3 (4X)
+
-
0.22 0.012 (4X)
INTRODUCTIONS
MINIMUM INSERTION LOSS IN dB
CURRENT
FREQUENCY -MHz
TYPE
RATING
.15
.50
1.0
5.0
10
30
04TDPS6/(D)
04A
50
50
60
45
30
10
06TDPS6/(D)
06A
40
40
40
40
35
5
10TDPS6/(D)
10A
35
40
40
30
20
5
16TDPS6/(D)
16A
25
35
40
40
25
10
20TDPS6/(D)
20A
20
35
35
35
25
5
30TDPS6/(D)
30A
18
30
35
40
25
10
10TDPS6E/(D)
10A
35
40
40
40
25
10
16TDPS6E/(D)
16A
30
40
45
40
25
10
20TDPS6E/(D)
20A
28
35
40
40
35
10
30TDPS6E/(D)
30A
20
35
40
40
30
10
04TDPS6/(D)
04A
50
50
50
55
50
20
06TDPS6/(D)
06A
55
50
50
55
55
15
10TDPS6/(D)
10A
50
50
45
40
35
20
16TDPS6/(D)
16A
40
50
50
45
45
25
20TDPS6/(D)
20A
25
25
30
45
45
15
30TDPS6/(D)
30A
30
40
40
45
40
20
10TDPS6E/(D)
10A
45
45
60
50
50
20
16TDPS6E/(D)
16A
40
45
55
50
45
20
20TDPS6E/(D)
20A
40
55
60
55
50
20
30TDPS6E/(D)
30A
30
45
50
45
45
30
COMMONMODE(L-G)IN50OHMSYSTEM
DIFFERENTIALMODE(L-L)IN50OHMSYSTEM
ELECTRICAL SCHEMATIC
E
D
N
A
I
O
L
L
T
C1
C1
C2
GND
R
W
R
U
S
V
MECHANICAL CONSTRUCTION
TDPS6, TDPS6E
VIEW A.
TDPS6(D),TDPS6E(D)
1. Mainly industrial equipment, machinery, machine tools,
robot arm controller and diverse process automation system.
2. Wide range of Y capacitance from 0 ~ 0.68uF for option.
3. Competitive design and easily connected with system.
4. Captive hinged protect cover.
5. Low leakage current models for optioin type for option.
6. Compacted size and DIN-rail installation.
7. RoHS compliant.
VIEW A.
VIEW A.
VIEW A.


Similar Part No. - TDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
TDP CK-COMPONENTS-TDP Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
logo
Automatic Timing & Cont...
TDP ATC-TDP Datasheet
297Kb / 1P
Percentage Timer Relay Output
More results

Similar Description - TDP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C_11 Datasheet
185Kb / 3P
High Performance 3-phase RFI Filters for WYE Applications
63ADT6 MACOM-63ADT6_11 Datasheet
213Kb / 3P
High Performance High Current 3-phase Delta RFI Filters
logo
TE Connectivity Ltd
ADT TEC-ADT Datasheet
213Kb / 3P
High Performance High Current 3-phase Delta RFI Filters
logo
Delta Electronics, Inc.
20TDHG6 DELTA-20TDHG6 Datasheet
226Kb / 1P
LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
20TYS9 DELTA-20TYS9 Datasheet
386Kb / 1P
COMPACT 3-PHASE 4-WIRE FILTERS
30TDVST2 DELTA-30TDVST2 Datasheet
556Kb / 3P
VERTICAL 3-PHASE 3-WIRE FILTERS
TDH DELTA-TDH Datasheet
226Kb / 1P
LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
TDT DELTA-TDT Datasheet
231Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE FILTERS
TDV DELTA-TDV Datasheet
556Kb / 3P
VERTICAL 3-PHASE 3-WIRE FILTERS
TYT DELTA-TYT Datasheet
335Kb / 3P
HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com