Electronic Components Datasheet Search
  English  ▼

X  

WM8199 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8199
Description  20MSPS 16-bit CCD Digitiser
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8199 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8199 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8199 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
WM8199
Production Data
w
PD Rev 3.2 November 2003
16
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain,
V3
=
V2
∗ 208/(283- PGA[7:0]) .............................................. Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 16-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 32767 PGAFS[1:0] = 00 or 01 ...... Eqn. 6
D1[15:0] = INT{ (V3 /VFS)
∗ 65535}
PGAFS[1:0] = 11 ...............
Eqn. 7
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 65535 PGAFS[1:0] = 10 ............... Eqn. 8
where the ADC full-scale range, VFS = 3V
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[15:0] = D1[15:0]
(INVOP = 0) ......................
Eqn. 9
D2[15:0] = 65535 – D1[15:0]
(INVOP = 1) ......................
Eqn. 10
OUTPUT FORMATS
The digital data output from the ADC is available to the user in 8 or 4-bit wide multiplexed formats by
setting control bit MUXOP[1:0]. Latency of valid output data with respect to VSMP is programmable
by writing to control bits DEL[1:0]. The latency for each mode is shown in the Operating Mode Timing
Diagrams section.
Figure 14 shows the output data formats for Modes 1 – 2 and 4 – 6. Figure 15 shows the output data
formats for Mode 3. Table 1 summarises the output data obtained for each format.
MCLK
4+4+4+4-BIT
OUTPUT
AB
AB
C
D
8+8-BIT
OUTPUT
MCLK
4+4+4+4-BIT
OUTPUT
AB
8+8-BIT
OUTPUT
AB
C D
AB
Figure 14 Output Data Formats
(Modes 1
−−−− 2, 4 −−−− 6)
Figure 15 Output Data Formats
(Mode 3)
OUTPUT
FORMAT
MUXOP[1:0]
OUTPUT
PINS
OUTPUT
8+8-bit
multiplexed
00, 01, 10
OP[7:0]
A = d15, d14, d13, d12, d11, d10, d9, d8
B = d7, d6, d5, d4, d3, d2, d1,d0
4+4+4+4-bit
(nibble)
11
OP[7:4]
A = d15, d14, d13, d12
B = d11, d10, d9, d8
C = d7, d6, d5, d4
D = d3, d2, d1, d0
Table 1 Details of Output Data Shown in Figure 14 and Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com