Electronic Components Datasheet Search
  English  ▼

X  

07TDVST2 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 07TDVST2
Description  VERTICAL 3-PHASE 3-WIRE FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

07TDVST2 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  07TDVST2 Datasheet HTML 1Page - Delta Electronics, Inc. 07TDVST2 Datasheet HTML 2Page - Delta Electronics, Inc. 07TDVST2 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SERIES VERTICAL 3-PHASE 3-WIRE FILTERS
L
L
G
Cx1
N
T
E
S
I
R
L
R2
Cy
Cx2
A
R1
T' D
S'
O
R' L
G'
ELECTRICAL SCHEMATIC
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 480VAC
3. Operating frequency: 50/60Hz
INTRODUCTIONS
DIMENSIONS IN INCHES/mm
282.0
11.102
3.425
92.0
87.0
3.622
2.835
1.654
6.378
9.528
242.0
222.0
8.740
162.0
2.047
52.0
47.0
3.425
87.0
1.850
42.0
72.0
A
B
C
295.0
312.0
12.283
11.614
2.362
6.5
60.0
0.256
7.087
0.787
7.559
10.709
272.0
252.0
10.039
255.0
235.0
9.921
192.0
9.252
180.0
1.181
30.0
25.0
0.984
20.0
5.4
0.213
D
E
F
G
07TDVST2
PART NO.
16TDVST2
30TDVST2
42TDVST2
55TDVST2
75TDVST2
100TDVST2
8.740
222.0
9.252
235.0
9.921
252.0
9.528
9.449
3.543
5.906
10.63
10.039
2.559
242.0
240.0
90.0
150.0
270.0
255.0
65.0
3.622
92.0
5.394
137.0
10.709
272.0
10.039
255.0
SERIES DIMENSIONS
MECHANICAL CONSTRUCTION
7-10
INCH
UNIT:
mm
D MAX.
15.0 2.0
M6X1.0
A MAX.
1.0
0.039
E
0.591 0.787
COMPONENTS
2.52
07TDVST2
2.2
2.2
16TDVST2
1.70
30TDVST2
1.00
4.4
1.0
0.68
42TDVST2
4.4
2.2
0.60
55TDVST2
0.60
0.45
75TDVST2
6.6
6.6
0.30
1.5
100TDVST2
PARTNo.
Cx1(uF) Cx2(uF) Cy(uF)
L(mH) R1(M ) R2(M )
MINIMUM INSERTION LOSS IN dB
COMMONMODE(L-G) IN 50 OHM SYSTEM
DIFFERENTIALMODE(L-L) IN 50 OHM SYSTEM
FREQUENCY-MHz
PART NO.
.15
.50
1.0
5.0
10
30
07TDVST2
50
70
65
50
40
20
16TDVST2
50
50
50
45
30
20
30TDVST2
50
55
50
45
30
15
42TDVST2
45
50
50
30
25
10
55TDVST2
45
60
55
35
30
10
75TDVST2
40
55
50
25
18
7
100TDVST2
35
50
45
25
15
7
07TDVST2
45
60
70
50
40
40
16TDVST2
45
45
50
40
35
30
30TDVST2
45
45
45
45
45
25
42TDVST2
35
50
50
40
40
20
55TDVST2
40
55
55
50
50
20
75TDVST2
40
45
45
40
40
5
100TDVST2
30
35
35
35
30
7


Similar Part No. - 07TDVST2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
07TDVST2 DELTA-07TDVST2 Datasheet
556Kb / 3P
VERTICAL 3-PHASE 3-WIRE FILTERS
More results

Similar Description - 07TDVST2

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
Single Phase & 3-Phase Blocking Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
logo
Delta Electronics, Inc.
20TDHG6 DELTA-20TDHG6 Datasheet
226Kb / 1P
LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
20TYS9 DELTA-20TYS9 Datasheet
386Kb / 1P
COMPACT 3-PHASE 4-WIRE FILTERS
30TDVST2 DELTA-30TDVST2 Datasheet
556Kb / 3P
VERTICAL 3-PHASE 3-WIRE FILTERS
TDH DELTA-TDH Datasheet
226Kb / 1P
LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
TDT DELTA-TDT Datasheet
231Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE FILTERS
TYT DELTA-TYT Datasheet
335Kb / 3P
HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
logo
Soshin electric Co., Lt...
NF3000A-RQ2 SOSHIN-NF3000A-RQ2 Datasheet
124Kb / 3P
3-phase 3-lin 250VAC Available 80-300A, Standard of 3-phase EMI filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com