Electronic Components Datasheet Search
  English  ▼

X  

30TDVST2 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 30TDVST2
Description  VERTICAL 3-PHASE 3-WIRE FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

30TDVST2 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  30TDVST2 Datasheet HTML 1Page - Delta Electronics, Inc. 30TDVST2 Datasheet HTML 2Page - Delta Electronics, Inc. 30TDVST2 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L1
L2
L1
L2
G
Cx1
Cx1
Cx1
Cx2
Cx2
Cx2
R2
Cy
Cx3
A
R1
T' D
S'
O
R' L
G'
N
T
E
S
I
R
L
16/30TDVST2-1
SERIES
3-PHASE FILTERS
ELECTRICAL SCHEMATIC
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 480VAC
3. Operating frequency: 50/60Hz
INTRODUCTIONS
MINIMUM INSERTION LOSS IN dB
COMPONENTS
07TDVST2-1
3.3
-
2.52
4.5
1M
16TDVST2-1
3.3
2.2
3.3
1.77
30TDVST2-1
3.3
1.1
9
42TDVST2-1
3.3
0.6
680K
55TDVST2-1
680K
1.3
75TDVST2-1
10
3.3
-
100TDVST2-1
0.9
8
130TDVST2-1
0.5
180TDVST2-1
0.4
-
Cx1
Cx2
Cx3
Cy
L1
L2
R1
R2
PARTNo.
(uF)
(uF)
(uF)
(uF)
(mH)
(uH)
(M ) (M )
L1
L2
L1
L2
G
Cx1
N
T
E
S
I
R
L
R2
Cy
Cx2
A
R1
T'
D
S'
O
R' L
G'
07/42/55/75/100/130TDVST2-1
L
L
G
Cx1
N
T
E
S
I
R
L
R2
Cy
Cx2
A
R1
T' D
S'
O
R' L
G'
180TDVST2-1 ONLY
7-11
COMMONMODE(L-G) IN 50 OHM SYSTEM
DIFFERENTIALMODE(L-L) IN 50 OHM SYSTEM
FREQUENCY-MHz
PART NO.
.15
.50
1.0
5.0
10
30
07TDVST2-1
55
70
60
45
30
15
16TDVST2-1
50
65
55
40
35
20
30TDVST2-1
50
60
55
35
35
10
42TDVST2-1
50
55
50
30
20
10
55TDVST2-1
55
65
50
30
20
5
75TDVST2-1
55
60
50
20
10
5
100TDVST2-1
50
65
50
20
10
5
130TDVST2-1
45
65
50
35
15
5
180TDVST2-1
40
60
45
30
20
5
07TDVST2-1
45
50
45
40
40
20
16TDVST2-1
55
55
50
40
40
35
30TDVST2-1
45
40
35
35
35
20
42TDVST2-1
55
40
30
20
20
10
55TDVST2-1
60
55
45
40
35
5
75TDVST2-1
60
60
50
40
20
5
100TDVST2-1
50
50
45
35
25
5
130TDVST2-1
40
55
45
30
30
5
180TDVST2-1
45
40
35
20
20
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com