Electronic Components Datasheet Search
  English  ▼

X  

WM9712L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9712L
Description  AC97 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9712L Datasheet HTML 1Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 2Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 3Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 4Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 5Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 6Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 7Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 8Page - Wolfson Microelectronics plc WM9712L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
w
WM9712L
AC’97 Audio and Touchpanel CODEC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, August 2006, Rev 4.5
Copyright
©2006 Wolfson Microelectronics plc.
DESCRIPTION
The WM9712L is a highly integrated input / output device
designed for mobile computing and communications. The
device can connect directly to a 4-wire or 5-wire touchpanel,
mono or stereo microphones, stereo headphones and a
mono speaker, reducing total component count in the
system. Additionally, phone input and output pins are
provided
for
seamless
integration
with
wireless
communication devices.
The WM9712L also offers up to four auxiliary ADC inputs
for analogue measurements such as temperature or light,
and five GPIO pins for interfacing to buttons or other digital
devices. To monitor the battery voltage in portable systems,
the WM9712L has two uncommitted comparator inputs.
All device functions are accessed and controlled through a
single AC-Link interface compliant with the AC’97 standard.
Additionally, the WM9712L can generate interrupts to
indicate pen down, pen up, availability of touchpanel data,
low battery, dead battery, and GPIO conditions.
The WM9712L operates at supply voltages from 1.8 to 3.6
Volts. Each section of the chip can be powered down under
software control to save power. The device is available in a
small leadless 7x7mm QFN package, ideal for use in hand-
held portable systems.
FEATURES
• AC’97 Rev 2.2 compatible stereo codec
- DAC SNR 94dB, THD –87dB
- ADC SNR 92dB, THD –87dB
- Variable Rate Audio, supports all WinCE sample rates
- Tone Control, Bass Boost and 3D Enhancement
• On-chip 45mW headphone driver
• On-chip 400mW mono speaker driver
• Stereo, mono or differential microphone input
- Automatic Level Control (ALC)
• Auxiliary mono DAC (ring tone or DC level generation)
• Seamless interface to wireless chipset
• Resistive touchpanel interface
- Supports 4-wire and 5-wire panels
- 12-bit resolution, INL
±2 LSBs (<0.5 pixels)
- X, Y and touch-pressure (Z) measurement
- Pen-down detection supported in Sleep Mode
• Up to 5 GPIO pins
• 2 comparator inputs for battery monitoring
• Up to 4 auxiliary ADC inputs
• 1.8V to 3.6V supplies
• 7x7mm QFN
APPLICATIONS
• Personal Digital Assistants (PDA)
• Smartphones
• Handheld and Tablet Computers
BLOCK DIAGRAM


Similar Part No. - WM9712L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
More results

Similar Description - WM9712L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
AC97 Revision 2.1 Audio Codec
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com