Electronic Components Datasheet Search
  English  ▼

X  

V48SC Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # V48SC
Description  Fixed frequency operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  V48SC Datasheet HTML 1Page - Delta Electronics, Inc. V48SC Datasheet HTML 2Page - Delta Electronics, Inc. V48SC Datasheet HTML 3Page - Delta Electronics, Inc. V48SC Datasheet HTML 4Page - Delta Electronics, Inc. V48SC Datasheet HTML 5Page - Delta Electronics, Inc. V48SC Datasheet HTML 6Page - Delta Electronics, Inc. V48SC Datasheet HTML 7Page - Delta Electronics, Inc. V48SC Datasheet HTML 8Page - Delta Electronics, Inc. V48SC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS_V48SC12007_04262016
FEATURES
High efficiency: 92.0% @ 12V/7.5A
Size:
Without heat spreader:
33.0x22.8x9.5mm (1.30”x0.90”x0.37”)
With heat spreader
33.0x22.8x12.7
mm (1.30”x0.90”x0.50”)
Industry standard footprint and pinout
Fixed frequency operation
SMD or through-hole versions
Input UVLO
OTP and output OCP, OVP
Output voltage trim: -20%, +10%
Monotonic startup into normal and
pre-biased loads
1500V isolation and basic insulation
No minimum load required
No negative current during power or
enable on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized
APPLICATIONS
Optical Transport
Data Networking
Communications
Servers
OPTIONS
SMD pins
Short pin lengths available
Positive remote On/Off
Heat spreader
Delphi Series V48SC, 1/16th Brick 90W
DC/DC Power Modules: 48V in, 12V, 7.5A out
The Delphi Series V48SC, 1/16
th
Brick, 48V input, single output,
isolated DC/DC converters, are the latest offering from a world leader
in power systems technology and manufac
turing ― Delta Electronics,
Inc. This product family provides up to 90 watts of power or 30A of
output current in the 1/16
th brick form factor (1.3”x0.90”) and pinout.
With creative design technology and optimization of component
placement, these converters possess outstanding electrical and
thermal performance, as well as extremely high reliability under highly
stressful operating conditions. Typical efficiency of the 12V/7.5A
module is greater than 92.0%. All modules are protected from
abnormal input/output voltage, current, and temperature conditions.
For lower power needs, but in a similar small form factor, please check
out Delta V36SE (50W), S48SP (36W or 10A) and S36SE (17W or 5A)
series standard DC/DC modules.


Similar Part No. - V48SC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC05013 DELTA-V48SC05013 Datasheet
698Kb / 15P
65W DC/DC Power Modules
V48SC05013 DELTA-V48SC05013 Datasheet
622Kb / 16P
65W DC/DC Power Modules
V48SC05013NKFA DELTA-V48SC05013NKFA Datasheet
698Kb / 15P
65W DC/DC Power Modules
V48SC05013NKFH DELTA-V48SC05013NKFH Datasheet
698Kb / 15P
65W DC/DC Power Modules
V48SC05013NMFA DELTA-V48SC05013NMFA Datasheet
698Kb / 15P
65W DC/DC Power Modules
More results

Similar Description - V48SC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com