Electronic Components Datasheet Search
  English  ▼

X  

V48SH Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part # V48SH
Description  SMD and through-hole versions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SH Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button V48SH Datasheet HTML 6Page - Delta Electronics, Inc. V48SH Datasheet HTML 7Page - Delta Electronics, Inc. V48SH Datasheet HTML 8Page - Delta Electronics, Inc. V48SH Datasheet HTML 9Page - Delta Electronics, Inc. V48SH Datasheet HTML 10Page - Delta Electronics, Inc. V48SH Datasheet HTML 11Page - Delta Electronics, Inc. V48SH Datasheet HTML 12Page - Delta Electronics, Inc. V48SH Datasheet HTML 13Page - Delta Electronics, Inc. V48SH Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS_V48SH05017_10282013
13
MECHANICAL DRAWING(WITHOUT HEAT-SPREADER)
Pin No.
Name
Function
1
2
3
4
5
6
7
8
+Vin
ON/OFF
-Vin
-Vout
-SENSE
TRIM
+SENSE
+Vout
Positive input voltage
Remote ON/OFF
Negative input voltage
Negative output voltage
Negative remote sense
Output voltage trim
Positive remote sense
Positive output voltage
Pin Specification:
Pins 1-3,5-7
1.00
mm (0.040”) diameter
Pins 4 & 8
2. 1.50mm (0.060
”) diameter
All pins are copper with Tin plating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com